Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT04 Datasheet (PDF) - STMicroelectronics

M74HCT04 Datasheet PDF - STMicroelectronics
Part # M74HCT04
Download  M74HCT04 Download
File Size   166.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M74HCT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT04 Datasheet PDF - STMicroelectronics

Part # M74HCT04
Download  M74HCT04 Click to download

File Size   166.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M74HCT04 Datasheet (HTML) - STMicroelectronics


M74HCT04 Product details

Description

The M74HCT04 is a high speed CMOS hex inverter fabricated with silicon gate C2MOS technology.

The internal circuit is composed of 3 stages including a buffer output, which enables high noise immunity and stable output.

The M74HCT04 is designed to directly interface HSC2MOS systems with TTL and NMOS components.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



Features

■ High speed:

   tPD = 11 ns (typ.) at VCC = 4.5 V

■ Low power dissipation:

   ICC = 1 μA (max.) at TA = 25 °C

■ Compatible with TTL outputs:

   VIH = 2 V (min.) VIL = 0.8 V (max)

■ Balanced propagation delays:

   tPLH = tPHL

■ Symmetrical output impedance:

   |IOH| = IOL = 4 mA (min)

■ Pin and function compatible with 74 series 04



 




Similar Part No. - M74HCT04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT04 STMICROELECTRONICS-M74HCT04 Datasheet
231Kb / 9P
HEX INVERTER
Feb-1993
M74HCT04 STMICROELECTRONICS-M74HCT04 Datasheet
241Kb / 11P
Hex inverter
23-May-2008
M74HCT04B1 STMICROELECTRONICS-M74HCT04B1 Datasheet
231Kb / 9P
HEX INVERTER
Feb-1993
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
231Kb / 9P
HEX INVERTER
Feb-1993
M74HCT04B1R STMICROELECTRONICS-M74HCT04B1R Datasheet
241Kb / 11P
Hex inverter
23-May-2008
More results


Similar Description - M74HCT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com