Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCAT1007-01 Datasheet (PDF) - Infinite Electronics International, Inc.

LCAT1007-01 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAT1007-01
Download  LCAT1007-01 Download
File Size   374.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2W/1 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz

LCAT1007-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAT1007-01 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAT1007-01
Download  LCAT1007-01 Click to download

File Size   374.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2W/1 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz

LCAT1007-01 Datasheet (HTML) - Infinite Electronics International, Inc.


LCAT1007-01 Product details

Features
• Attenuation accuracy 1±0.6dB
• Frequency range from DC to 18GHz
• Operating temp range from -55 to 125C
• VSWR <1.40:1
• Input Power 2W max
Applications
• Production systems
• Prototyping and characterization
• RF test systems
• Instrumentation
• Precision measurements
.
Description
L-com carries a wide range of fixed attenuators with a broad selection of attenuation levels and frequency ranges. RF fixed
attenuators lower the amplitude of a signal (attenuate) by specific amount and can be used in a wide variety of applications.
These attenuators are used when signal levels need to be reduced to protect measurement equipment or other circuitry, to
extend the range of power meters and amplifiers, and to impedance match circuits by reducing the VSWR seen by adjacent
components. RF attenuators can prevent signal overload in amplifiers, receivers and detectors, adjusting the signal level to
optimal power range.
Few RF components are as commonly used as fixed coaxial attenuators, and L-com carries one of the largest in-stock varieties
and ships them same day. The 1 dB Fixed Attenuator LCAT1007-01 is rated to 2 Watts and operates from DC to 18 GHz.
The versatile coaxial package uses type N male to type N female connectors and is also RoHS compliant.




Similar Part No. - LCAT1007-01

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAT1007-02 L-COM-LCAT1007-02 Datasheet
374Kb / 3P
2W/2 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz
02/01/2021
LCAT1007-03 L-COM-LCAT1007-03 Datasheet
374Kb / 3P
2W/3 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz
02/01/2021
LCAT1007-04 L-COM-LCAT1007-04 Datasheet
374Kb / 3P
2W/4 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz
02/01/2021
LCAT1007-05 L-COM-LCAT1007-05 Datasheet
374Kb / 3P
2W/5 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz
02/01/2021
LCAT1007-06 L-COM-LCAT1007-06 Datasheet
374Kb / 3P
2W/6 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Up to 18 GHz
02/01/2021
More results


Similar Description - LCAT1007-01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7002-1 PASTERNACK-PE7002-1 Datasheet
215Kb / 3P
1 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-10 PASTERNACK-PE7002-10 Datasheet
215Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-1 PASTERNACK-PE7002-1_16 Datasheet
269Kb / 5P
1 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-2 PASTERNACK-PE7002-2_16 Datasheet
268Kb / 5P
2 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-3 PASTERNACK-PE7002-3_16 Datasheet
269Kb / 5P
3 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-6 PASTERNACK-PE7002-6_16 Datasheet
269Kb / 5P
6 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-10 PASTERNACK-PE7002-10_16 Datasheet
269Kb / 5P
10 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-20 PASTERNACK-PE7002-20_16 Datasheet
269Kb / 5P
20 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-30 PASTERNACK-PE7002-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-40 PASTERNACK-PE7002-40_16 Datasheet
269Kb / 5P
40 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com