Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCAT1006-02. Datasheet (PDF) - Infinite Electronics International, Inc.

LCAT1006-02. Datasheet PDF - Infinite Electronics International, Inc.
Part # LCAT1006-02.
Download  LCAT1006-02. Download
File Size   373.7 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2W/2 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz

LCAT1006-02. Datasheet (PDF)

Go To PDF Page Download Datasheet
LCAT1006-02. Datasheet PDF - Infinite Electronics International, Inc.

Part # LCAT1006-02.
Download  LCAT1006-02. Click to download

File Size   373.7 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2W/2 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz

LCAT1006-02. Datasheet (HTML) - Infinite Electronics International, Inc.


LCAT1006-02. Product details

Features
• Frequency range from DC to 18GHz
• Input Power 2W max
• Attenuation accuracy 2± 1dB
• Operating temp range from -55 to 125C
• VSWR <1.35:1
Applications
• Instrumentation
• Precision measurements
• Production systems
• Prototyping and characterization
• RF test systems
.
Description
L-com carries a wide range of fixed attenuators with a broad selection of attenuation levels and frequency ranges. RF fixed
attenuators lower the amplitude of a signal (attenuate) by specific amount and can be used in a wide variety of applications.
These attenuators are used when signal levels need to be reduced to protect measurement equipment or other circuitry, to
extend the range of power meters and amplifiers, and to impedance match circuits by reducing the VSWR seen by adjacent
components. RF attenuators can prevent signal overload in amplifiers, receivers and detectors, adjusting the signal level to
optimal power range.
Few RF components are as commonly used as fixed coaxial attenuators, and L-com carries one of the largest in-stock varieties
and ships them same day. The 2 dB Fixed Attenuator LCAT1006-02 is rated to 2 Watts and operates from DC to 18 GHz.
The versatile coaxial package uses SMA male to SMA female connectors and is also RoHS compliant.




Similar Part No. - LCAT1006-02.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCAT1006-03 L-COM-LCAT1006-03 Datasheet
374Kb / 3P
2W/3 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz
01/28/2021
LCAT1006-04 L-COM-LCAT1006-04 Datasheet
374Kb / 3P
2W/4 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz
01/28/2021
LCAT1006-05 L-COM-LCAT1006-05 Datasheet
373Kb / 3P
2W/5 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz
01/28/2021
LCAT1006-06 L-COM-LCAT1006-06 Datasheet
373Kb / 3P
2W/6 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz
01/28/2021
LCAT1006-07 L-COM-LCAT1006-07 Datasheet
374Kb / 3P
2W/7 dB Fixed Attenuator, SMA Male to SMA Female Brass Gold Body Up to 18 GHz
01/28/2021
More results


Similar Description - LCAT1006-02.

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7005-3 PASTERNACK-PE7005-3 Datasheet
258Kb / 3P
3 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7161-3 PASTERNACK-PE7161-3 Datasheet
220Kb / 3P
3 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-5 PASTERNACK-PE7161-5 Datasheet
221Kb / 3P
5 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7005-6 PASTERNACK-PE7005-6 Datasheet
259Kb / 3P
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7005-10 PASTERNACK-PE7005-10 Datasheet
258Kb / 3P
10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7005-20 PASTERNACK-PE7005-20 Datasheet
257Kb / 3P
20 dB Fixed Attenuator, SMA Male To SMA Female Rated To 2 Watts Up To 18 GHz
PE7018-2 PASTERNACK-PE7018-2 Datasheet
266Kb / 3P
2 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
PE7161-2 PASTERNACK-PE7161-2 Datasheet
221Kb / 3P
2 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-7 PASTERNACK-PE7161-7 Datasheet
220Kb / 3P
7 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-2 PASTERNACK-PE7161-2_16 Datasheet
237Kb / 3P
2 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com