Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC27B1 Datasheet (PDF) - STMicroelectronics

M74HC27B1 Datasheet PDF - STMicroelectronics
Part # M74HC27B1
Download  M74HC27B1 Download
File Size   150.17 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NOR GATE

M74HC27B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC27B1 Datasheet PDF - STMicroelectronics

Part # M74HC27B1
Download  M74HC27B1 Click to download

File Size   150.17 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3-INPUT NOR GATE

M74HC27B1 Datasheet (HTML) - STMicroelectronics


M74HC27B1 Product details

DESCRIPTION
The M74HC27 is an high speed CMOS TRIPLE 3-INPUT NOR GATE fabricated with silicon gate C2MOS technology.
   
■ HIGH SPEED:
    tPD = 9ns (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ WIDE OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 27
   




Similar Part No. - M74HC27B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC27B1R STMICROELECTRONICS-M74HC27B1R Datasheet
233Kb / 9P
TRIPLE 3-INPUT NOR GATE
Feb-1993
More results


Similar Description - M74HC27B1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com