Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ8.0A-3 Datasheet (PDF) - HUAAN LIMITED

SMDJ8.0A-3 Datasheet PDF - HUAAN LIMITED
Part # SMDJ8.0A-3
Download  SMDJ8.0A-3 Download
File Size   240.69 Kbytes
Page   3 Pages
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED
Description 3000W Transient Voltage Suppressors

SMDJ8.0A-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDJ8.0A-3 Datasheet PDF - HUAAN LIMITED

Part # SMDJ8.0A-3
Download  SMDJ8.0A-3 Click to download

File Size   240.69 Kbytes
Page   3 Pages
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED
Description 3000W Transient Voltage Suppressors

SMDJ8.0A-3 Datasheet (HTML) - HUAAN LIMITED


SMDJ8.0A-3 Product details

Description
The SMDJ-3 series is designed specifically to protect sensitive electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Features
• For surface mounted applications in order to optimize board space
• Reliable low cost construction utilizing molded plastic technique
• Plastic material has UL flammability classification 94V-O
• Typical IR less than 1uA above 10V
• Fast response time: typically less than 1.0ps from 0 Volts to VBR min
• Glass passivated junction
• Low inductance




Similar Part No. - SMDJ8.0A-3

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMDJ8.0A-3 HUAXINAN-SMDJ8.0A-3 Datasheet
504Kb / 4P
3000W Transient Voltage Suppressors
More results


Similar Description - SMDJ8.0A-3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
3000W Surface Mount Transient Voltage Suppressors
Version 1.0 2017/10/26
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
3000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
UN Semiconducctor INC
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com