Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILL39 Datasheet (PDF) - Optronics International

ILL39 Datasheet PDF - Optronics International
Part # ILL39
Download  ILL39 Download
File Size   322.64 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Opti-Brite LED 7" Dome Light

ILL39 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILL39 Datasheet PDF - Optronics International

Part # ILL39
Download  ILL39 Click to download

File Size   322.64 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Opti-Brite LED 7" Dome Light

ILL39 Datasheet (HTML) - Optronics International


ILL39 Product details

Raw lumen output: 460 lm, Effective lumen output: 390 lm
Low profile dome light – less than 5/8" thick
Operating voltage 12-24VDC; use with both 12VDC and 24VDC systems
Low voltage cut-off at 11VDC, prevents battery drain
Hard wired design includes 16-gauge power and ground wires with .180 male bullets
Available with white or red diodes
Sealed, waterproof
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - ILL39

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL31 OPTRONICS-ILL31 Datasheet
202Kb / 1P
LED Low Profile Dome Lights
ILL31CB OPTRONICS-ILL31CB Datasheet
202Kb / 1P
LED Low Profile Dome Lights
ILL32CB OPTRONICS-ILL32CB Datasheet
202Kb / 1P
LED Low Profile Dome Lights
ILL32CBWC OPTRONICS-ILL32CBWC Datasheet
202Kb / 1P
LED Low Profile Dome Lights
ILL32CPG OPTRONICS-ILL32CPG Datasheet
202Kb / 1P
LED Low Profile Dome Lights
More results


Similar Description - ILL39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
LEDRC200N ETC1-LEDRC200N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (200 mm)
logo
Dialight Corporation
76001RB DIALIGHT-76001RB Datasheet
104Kb / 1P
7' LED School Bus Warning Light
logo
Dielectric Laboratories...
P21BN300MA4282 DILABS-P21BN300MA4282 Datasheet
389Kb / 4P
Opti - Cap
logo
Visual Communications C...
5325F VCC-5325F Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
logo
BetLux Electronics
TLS-SMD-6AUTO BETLUX-TLS-SMD-6AUTO Datasheet
76Kb / 2P
LED dome/door/ box light, Mono color
REV NO: V.2
logo
List of Unclassifed Man...
98025 ETC2-98025 Datasheet
638Kb / 2P
LED Light Engine, 7??Canopy Module
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
logo
Schneider Electric
9001KP38LWW31 SCHNEIDER-9001KP38LWW31 Datasheet
168Kb / 2P
PILOT LIGHT 120V 30MM TYPE K OPTI
Nov 25, 2021
9001KP35LWW31 SCHNEIDER-9001KP35LWW31 Datasheet
155Kb / 3P
PILOT LIGHT 28V 30MM TYPE K OPTI
Dec 6, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com