Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22007-001 Datasheet (PDF) - Omnetics Connector Corp.

A22007-001 Datasheet PDF - Omnetics Connector Corp.
Part # A22007-001
Download  A22007-001 Download
File Size   92.47 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description (12) SOCKET FEMALE CIRCULAR CONNECTOR

A22007-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A22007-001 Datasheet PDF - Omnetics Connector Corp.

Part # A22007-001
Download  A22007-001 Click to download

File Size   92.47 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description (12) SOCKET FEMALE CIRCULAR CONNECTOR

A22007-001 Datasheet (HTML) - Omnetics Connector Corp.


A22007-001 Product details

MATERIALS & SPECIFICATIONS
INSULATOR: LIQUID CRYSTAL POLYMER (LCP) PER ASTM D5138.
CONTACT: COPPER ALLOY PER MIL-DTL-83513. GOLD PLATED PER
ASTM B488, (HARD GOLD) TYPE II CODE C CLASS 1.27.
TERMINATION: 26 AWG (7-34) TYPE E. PER NEMA HP3, COLOR CODED PER TABLE
CURRENT CAPACITY 3 AMP MAX.
CONTACT RESISTANCE 26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE: PRODUCT FAMILY TESTED TO AND PASSED THE PERFORMANCE
SPECIFICATIONS OF TABLE VII OF MIL-DTL-83513.




Similar Part No. - A22007-001

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A22001-001 OMNETICS-A22001-001 Datasheet
89Kb / 1P
SOCKET FEMALE CIRCULAR CONNECTOR W/SOLDERCUPS
05-18-12
A22002-001 OMNETICS-A22002-001 Datasheet
80Kb / 1P
(5) PIN MALE CIRCULAR CONNECTOR
05-02-16
A22003-001 OMNETICS-A22003-001 Datasheet
86Kb / 1P
(5) SOCKET FEMALE CIRCULAR CONNECTOR
01-29-13
A22004-001 OMNETICS-A22004-001 Datasheet
93Kb / 1P
(12) PIN MALE CIRCULAR CONNECTOR W/SOLDERCUPS
12-09-14
A22005-001 OMNETICS-A22005-001 Datasheet
101Kb / 1P
(12) SOCKET FEMALE CIRCULAR CONNECTOR W/SOLDERCUPS
12-09-14
More results


Similar Description - A22007-001

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
Small Circular Connector
logo
Harwin Plc
R30-5000402 HARWIN-R30-5000402 Datasheet
83Kb / 1P
M3 CIRCULAR FEMALE SPACER
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
Waterproof Circular connector
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
M3 CIRCULAR SLOTTED FEMALE SPACER
logo
TOKYO SEIMITSU CO., LTD
ML300EX ACCRETECH-ML300EX Datasheet
382Kb / 2P
Circular wafer : 8, 12 inches diameter
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
Standard Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
Standard Circular Connector
logo
Ulti-Mate Connector Inc
SD-812041000 ULTI-MATE-SD-812041000 Datasheet
44Kb / 1P
Micro Circular Solder Cup 12 Socket No Hardware Plastic Shell 125 Max Temp No QPL
02-09-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com