Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIO5081LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO5081LP10
Download  DIO5081LP10 Download
File Size   840.32 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Auto Start

DIO5081LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO5081LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Download  DIO5081LP10 Click to download

File Size   840.32 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Auto Start

DIO5081LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO5081LP10 Product details

Features
 Input Rating of 32 V
 Input Overvoltage Protection with 6.7 V
 Input Voltage Dynamic Power Management
 10% Charge Current Accuracy
 1% Charge Voltage Accuracy
 Pin ISET2 can select 100 mA or 500 mA
Maximum Input Current Limit
 Programmable Termination and Trickle
Threshold
 Fixed 10 Hours Safety Timer
 Status Indication – Charging/Done
 Integrated Auto Start Function for Production
 125°C Thermal Regulation
 155°C Thermal Shutdown Protection
 BAT Short-Circuit Protection
 Charge Solutions for JEITA
1. No charge at ‘Temp>45°C’ & ‘Temp<0°C’;
2. 0.2*CC (Constant-Current) Temp at 0~10°C;
3. Constant-Current Temp at 10~45°C.
4. DIO5081 has dedicated BAT_V pin for
battery voltage sense.
 Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack With
Thermistor
 Package: DQFN-10
Applications
 Low-Power Handheld Devices
 Smart Phones
 MP3 Players
 PDAs
Descriptions
DIO5081 is highly integrated lithium ion and
lithium polymer linear chargers, suitable for
portable applications with limited space. The
device is powered by a USB port or AC adapter.
The high input voltage range with input
overvoltage protection supports low-cost,
unregulated adapters.
DIO5081 has a single power output and can
charge batteries. If the average system load fails
to charge the battery during the 10-hour safety
timer, the system load can be connected in
parallel with the battery.
Battery charging has experienced three stages:
conditioning, constant current and constant
voltage. In all charging stages, IC junction
temperature is monitored by the internal control
loop. When the charging current exceeds the
internal temperature threshold, the internal
control loop will reduce the charging current.
The charger power level and charging current
induction function are fully integrated. The
charger has high precision current and voltage
regulation circuit function, charging status
display, charging termination function.
Trickle-charge current and terminal current
threshold can be programmed by external
resistance on DIO5081. The value of constant
current can also be programmed by an external
resistance.




Similar Part No. - DIO5081LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO50581A DIOO-DIO50581A Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581ACD10 DIOO-DIO50581ACD10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581ACN10 DIOO-DIO50581ACN10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581BCD10 DIOO-DIO50581BCD10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581BCN10 DIOO-DIO50581BCN10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
More results


Similar Description - DIO5081LP10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
ON Semiconductor
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Schneider Electric
XCSRC11AM12 SCHNEIDER-XCSRC11AM12 Datasheet
288Kb / 11P
Safety RFID contactless switch-Standalone model-EDMAuto Start-Unique pairing
Feb 8, 2021
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com