Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST202M-C10 Datasheet (PDF) - ABB

ST202M-C10 Datasheet PDF - ABB
Part # ST202M-C10
Download  ST202M-C10 Download
File Size   190.14 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - ST200M

ST202M-C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST202M-C10 Datasheet PDF - ABB

Part # ST202M-C10
Download  ST202M-C10 Click to download

File Size   190.14 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - ST200M

ST202M-C10 Datasheet (HTML) - ABB


ST202M-C10 Product details

Extended Product Type ST202M-C10
Product ID 2CDS272334R0104
EAN 4016779021500
Catalog Description Miniature Circuit Breaker - ST200M
Long Description ST202M-C10 Miniature Circuit Breaker ST202M-C10 Miniature Circuit Breaker C-Char., 10kA, 10A, 2P
General Information




Similar Part No. - ST202M-C10

ManufacturerPart #DatasheetDescription
logo
ABB
ST202M-C6 ABB-ST202M-C6 Datasheet
202Kb / 2P
Miniature Circuit Breaker - ST200M
More results


Similar Description - ST202M-C10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM115 SCHNEIDER-HOM115 Datasheet
96Kb / 2P
MINIATURE CIRCUIT BREAKER 120V - 15A
Nov 21, 2019
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM115CP1235 SCHNEIDER-HOM115CP1235 Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM120CP SCHNEIDER-HOM120CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 20A
HOM130C SCHNEIDER-HOM130C Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 30A
EDB36015AABASA SCHNEIDER-EDB36015AABASA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 600V 15A
Jun 17, 2020
EJB14030SA SCHNEIDER-EJB14030SA Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 30A
Jun 17, 2020
EJB14050SA SCHNEIDER-EJB14050SA Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 50A
Jun 17, 2020
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com