Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6274 Datasheet (PDF) - Time Electronics Ltd.

6274 Datasheet PDF - Time Electronics Ltd.
Part # 6274
Download  6274 Download
File Size   136.62 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)

6274 Datasheet (PDF)

Go To PDF Page Download Datasheet
6274 Datasheet PDF - Time Electronics Ltd.

Part # 6274
Download  6274 Click to download

File Size   136.62 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9766 and 9767 Low Noise Attenuators (1000:1 and 100:1)

6274 Datasheet (HTML) - Time Electronics Ltd.


6274 Product details

Features
• Low noise passive resistance attenuators
• 0.05 % DC accuracy
• 1 Watt metal film resistors
• BNC quality connectors
• 50 ppm/°C temperature coefficient
• Heavy duty die cast case
• Two point fixing option




Similar Part No. - 6274

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6274072-1 TEC-6274072-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
6274084-1 TEC-6274084-1 Datasheet
988Kb / 34P
RF Coax Connectors
6274084-1 TEC-6274084-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
6274291-1 TEC-6274291-1 Datasheet
988Kb / 34P
RF Coax Connectors
6274291-1 TEC-6274291-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
More results


Similar Description - 6274

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE741 BOWEI-HE741 Datasheet
82Kb / 1P
1-Bit Digital step Attenuators
logo
MOSA ELECTRONICS
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
Low Cost 1 Stereo Input and 1 Stereo Output
logo
Adels-Contact
1252G1 ADELS-1252G1 Datasheet
116Kb / 2P
1000/ 1 GW
125201 ADELS-125201 Datasheet
116Kb / 2P
1000/ 1
125221 ADELS-125221 Datasheet
143Kb / 2P
1000/ 1 HT
125301 ADELS-125301 Datasheet
116Kb / 2P
1000/ 1 DS
125301M ADELS-125301M Datasheet
116Kb / 2P
1000/ 1 MDS
125601 ADELS-125601 Datasheet
115Kb / 1P
1000 K/ 1
logo
Shanghai Leiditech Elec...
MZ-06A LEIDITECH-MZ-06A Datasheet
452Kb / 4P
1. Dimensions, Appearance Marking and Packaging 1-1 Dimensions and Appearance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com