Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9764 Datasheet (PDF) - Time Electronics Ltd.

9764 Datasheet PDF - Time Electronics Ltd.
Part # 9764
Download  9764 Download
File Size   450.28 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9764 Oscilloscope Current Probe Adaptor

9764 Datasheet (PDF)

Go To PDF Page Download Datasheet
9764 Datasheet PDF - Time Electronics Ltd.

Part # 9764
Download  9764 Click to download

File Size   450.28 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9764 Oscilloscope Current Probe Adaptor

9764 Datasheet (HTML) - Time Electronics Ltd.


9764 Product details

Features
• Calibrate oscilloscope current probes
• For use with the 5045 scope calibrator
• Compatible with 5025/5051 models (with scope option)
• Drive current 0.1 mA to 100 mA pk-pk
• 0.5 % accuracy
• Three interchangeable heads supplied
• Compact design (142 x 78 x 50 mm)
• Battery powered (4 x AA cells)




Similar Part No. - 9764

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9764 3M-9764 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Festo Corporation.
9764 FESTO-9764 Datasheet
97Kb / 2P
Pneumatic valve
logo
Heyco.
9764 HEYCO-9764 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Belden Inc.
9764 BELDEN-9764 Datasheet
176Kb / 3P
CATV Video, RG11, 14 AWG BCCS, Tri Shield, Polyethylene Jacket
11-09-2022
logo
Time Electronics Ltd.
9764 TIME-ELECTRONICS-9764 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
More results


Similar Description - 9764

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6491 POMONA-6491 Datasheet
118Kb / 1P
Modular Passive Oscilloscope Probe
6493 POMONA-6493 Datasheet
114Kb / 1P
Modular Passive Oscilloscope Probe
6494 POMONA-6494 Datasheet
115Kb / 1P
Modular Passive Oscilloscope Probe w/RO
6495 POMONA-6495 Datasheet
119Kb / 1P
Modular Passive Oscilloscope Probe
6496 POMONA-6496 Datasheet
121Kb / 1P
Modular Passive Oscilloscope Probe
6497 POMONA-6497 Datasheet
121Kb / 1P
Modular Passive Oscilloscope Probe w/RO
6499 POMONA-6499 Datasheet
116Kb / 1P
Modular Passive Oscilloscope Probe
6500 POMONA-6500 Datasheet
125Kb / 1P
Modular Passive Oscilloscope Probe
6554 POMONA-6554 Datasheet
123Kb / 1P
Microline Passive Oscilloscope Probe
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
Oscilloscope Probe
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com