Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECFLA Datasheet (PDF) - Time Electronics Ltd.

ECFLA Datasheet PDF - Time Electronics Ltd.
Part # ECFLA
Download  ECFLA Download
File Size   573.93 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 8030 Automatic Pressure Calibrator

ECFLA Datasheet (PDF)

Go To PDF Page Download Datasheet
ECFLA Datasheet PDF - Time Electronics Ltd.

Part # ECFLA
Download  ECFLA Click to download

File Size   573.93 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 8030 Automatic Pressure Calibrator

ECFLA Datasheet (HTML) - Time Electronics Ltd.


ECFLA Product details

Features
• Multi-range controller configurable from -1 to 100 bar
• Configured based on end user requirement
• Gauge, compound, absolute, differential
• Up to 3 precision sensors built in
• Control stability 0.005 % FS (of active sensor)
• Auto-ranging capabilities
• Accuracy 0.01 % FS (of active sensor)
• Barometric reference option
• Touch screen user interface
• EasyCal software compatible
• High range pneumatic & hydraulic versions available




Similar Part No. - ECFLA

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
More results


Similar Description - ECFLA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com