Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C001 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C001 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C001
Download  HMC-C001 Download
File Size   213.37 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND LNA MODULE, 2 - 20 GHz

HMC-C001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C001 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C001
Download  HMC-C001 Click to download

File Size   213.37 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND LNA MODULE, 2 - 20 GHz

HMC-C001 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C001 Product details

General Description

The HMC-C001 is a GaAs MMIC PHEMT Low Noise Distributed Amplifi er in a miniature, hermetic module

with replaceable SMA connectors which operates between 2 and 20 GHz. The self-biased amplifier provides 15 dB of gain, 2 to 3 dB noise fi gure and +14 dBm of output power at 1 dB gain compression while requiring a single +12V supply.



Features

Noise Figure: 2 dB @ 10 GHz

Flat Gain: 15 dB ± 0.5 dB

P1dB Output Power: +14 dBm @ 10 GHz

50 Ohm Matched Input/Output

Regulated Supply + 9V to +15V @ 65mA

Hermetically Sealed Module

Field Replaceable SMA connectors

-55 to +85˚C Operating Temperature



Typical Applications

The HMC-C001 Wideband LNA is ideal for:

• Telecom Infrastructure

• Microwave Radio & VSAT

• Military & Space

• Test Instrumentation

• Fiber Optics




Similar Part No. - HMC-C001

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
More results


Similar Description - HMC-C001

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C002 HITTITE-HMC-C002 Datasheet
500Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C016 HITTITE-HMC-C016 Datasheet
528Kb / 6P
WIDEBAND LNA MODULE, 7 - 17 GHz
HMC-C017 HITTITE-HMC-C017 Datasheet
519Kb / 6P
WIDEBAND LNA MODULE, 17 - 27 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C059 HITTITE-HMC-C059 Datasheet
228Kb / 6P
WIDEBAND LNA MODULE, 1 - 12 GHz
logo
TriQuint Semiconductor
TGA2567-SM TRIQUINT-TGA2567-SM_15 Datasheet
583Kb / 11P
2 20 GHz LNA Amplifier
logo
Qorvo, Inc
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
2 ??20 GHz LNA Amplifier
October 2019
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com