Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1384L Datasheet (PDF) - Electronic Components Ltd.

CL1384L Datasheet PDF - Electronic Components Ltd.
Part # CL1384L
Download  CL1384L Download
File Size   568.0 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 3.5mm S6 MONO JACK SOCKETS

CL1384L Datasheet (PDF)

Go To PDF Page Download Datasheet
CL1384L Datasheet PDF - Electronic Components Ltd.

Part # CL1384L
Download  CL1384L Click to download

File Size   568.0 Kbytes
Page   1 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 3.5mm S6 MONO JACK SOCKETS

CL1384L Datasheet (HTML) - Electronic Components Ltd.




Similar Part No. - CL1384L

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CL1384 CLIFF-CL1384 Datasheet
483Kb / 2P
2.5mm and 3.5mm Mono and Stereo Jack Sockets
CL13843G CLIFF-CL13843G Datasheet
467Kb / 3P
GOLD JACK SOCKETS
CL13843G CLIFF-CL13843G Datasheet
1Mb / 3P
GOLD JACK SOCKETS
CL13843G CLIFF-CL13843G Datasheet
1Mb / 4P
GOLD SWITCHED JACK SOCKETS
CL13845G CLIFF-CL13845G Datasheet
467Kb / 3P
GOLD JACK SOCKETS
More results


Similar Description - CL1384L

ManufacturerPart #DatasheetDescription
logo
CUI INC
MJ-3523-SMT CUI-MJ-3523-SMT Datasheet
278Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ1-3510-SMT CUI-MJ1-3510-SMT Datasheet
89Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3502 CUI-MJ-3502 Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3502N CUI-MJ-3502N Datasheet
76Kb / 1P
3.5mm AUDIO JACK - MONO
MJ-3510-SMT CUI-MJ-3510-SMT Datasheet
283Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-MONO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com