Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB40 Datasheet (PDF) - ABB

S201MB40 Datasheet PDF - ABB
Part # S201MB40
Download  S201MB40 Download
File Size   470.92 Kbytes
Page   10 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Protecta - Type B Distribution Boards TP & N Distribution Boards

S201MB40 Datasheet (PDF)

Go To PDF Page Download Datasheet
S201MB40 Datasheet PDF - ABB

Part # S201MB40
Download  S201MB40 Click to download

File Size   470.92 Kbytes
Page   10 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Protecta - Type B Distribution Boards TP & N Distribution Boards

S201MB40 Datasheet (HTML) - ABB


S201MB40 Product details

General Description
• Constructed to BS EN60439 part 1 & 3 • IP Ingress protection IP41BSEN60529
• Enclosure finished in RAL7035 • 4 - 24 TP&N ways
• Busbar rated 250A • Fault level 35kA
• Voltage rating at 230/400v 50Hz • Earth and neutral terminals included
• Integral door latch with key • Reversible door
• Security Lock is also available (please ask)
• Incoming devices up to 250A mounted in the board




Similar Part No. - S201MB40

ManufacturerPart #DatasheetDescription
logo
ABB
S201M-B10 ABB-S201M-B10 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
S201M-B10NA ABB-S201M-B10NA Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
S201M-B13 ABB-S201M-B13 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
S201M-B13NA ABB-S201M-B13NA Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
S201M-B16 ABB-S201M-B16 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
More results


Similar Description - S201MB40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
Desktop Boards
logo
fujitsu semiconductor
FTP-62ADSL000 FUJITSU-FTP-62ADSL000 Datasheet
327Kb / 10P
interfa ce boards
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
logo
List of Unclassifed Man...
HK-4 ETC-HK-4 Datasheet
247Kb / 1P
terminals for boards
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com