Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34455 Datasheet (PDF) - MENDA

34455 Datasheet PDF - MENDA
Part # 34455
Download  34455 Download
File Size   161.94 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD SHOP TRAVELER, ZIP, CLEAR, RED/BLUE/GREEN/YELLOW HEADER, 8 1/2" (216MM) x 11" (280MM) INSERT SIZE

34455 Datasheet (PDF)

Go To PDF Page Download Datasheet
34455 Datasheet PDF - MENDA

Part # 34455
Download  34455 Click to download

File Size   161.94 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD SHOP TRAVELER, ZIP, CLEAR, RED/BLUE/GREEN/YELLOW HEADER, 8 1/2" (216MM) x 11" (280MM) INSERT SIZE

34455 Datasheet (HTML) - MENDA


34455 Product details

SPECIFICATIONS
Choice of 4 header colors to help identify your group, department and work
instructions; keep track of everyone at your facility; or just assist in organizing
your meetings or events
The ESD Shop Traveler is made using 0.012” (0.3 mm) thick ESD vinyl on front
and back and 0.010” (0.25 mm) clear rigid vinyl as liner
Includes inner anti-print, non-ESD vinyl liner which will prevent ink transfer from
your document to the document holder
Ideal for use by electronic manufacturers who work with ESD sensitive
components
Marked with ESD Protective symbol; ideal for use by electronic manufacturers
who work with ESD sensitive components
Dissipative vinyl 1 x 104 to < 1 x 1011 ohms, per ANSI/ESD STM11.11. Meets
ANSI/ESD S20.20 and ANSI/ESD S541
Designed to hold "A" size 8 1/2" (216mm) x 11" (280mm) documents
Pre-punched metal grommet hang hole
Zipper is made from non-ESD vinyl
Made in the United States of America




Similar Part No. - 34455

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3445 ETC2-3445 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
3445 HEYCO-3445 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3445 ADAFRUIT-3445 Datasheet
623Kb / 2P
iFixit Essential Electronics Toolkit
6-26-19
logo
Keysight Technologies
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
logo
TE Connectivity Ltd
344525-1 TEC-344525-1 Datasheet
43Kb / 5P
Insertion / Extraction Tool Types
November 2011
More results


Similar Description - 34455

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRG0603C1A_N OPTOSUPPLY-OSRG0603C1A_N Datasheet
230Kb / 4P
3.2 x 2.7 x 1.1mm Red & Yellow green SMD
OSTSLT3E34X-3F3C OPTOSUPPLY-OSTSLT3E34X-3F3C Datasheet
123Kb / 1P
3mm Round Yellow Green & Yellow & Red LED
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
1.6 x 1.5 x 0.55mm Red & Yellow green SMD
OSRG1206C1C OPTOSUPPLY-OSRG1206C1C Datasheet
271Kb / 5P
3.2 x 2.7 x 1.1mm Red & Yellow green SMD
logo
LUMEX INC.
LCM-S00801DSR LUMEX-LCM-S00801DSR Datasheet
111Kb / 2P
8 x 2 CHARACTER LCD MODULE, 5 x 8 DOT MATRIX, STN YELLOW, REFLECTIVE, 1/8 DUTY, 1/4 BIAS
logo
STANLEY ELECTRIC CO.,LT...
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
1608 Size, water clear lens, Emitting color : Yellow
VFHV1104P-4C62B-TR STANLEY-VFHV1104P-4C62B-TR Datasheet
691Kb / 21P
1608 Size, water clear lens, Emitting color : Red
VFHD1104P-4BY2B-TR STANLEY-VFHD1104P-4BY2B-TR Datasheet
681Kb / 21P
1608 Size, water clear lens, Emitting color : Yellow Green
logo
ams AG
TCS3472 AMSCO-TCS3472_17 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
logo
SparkFun Electronics
ROB-12342 SPARKFUN-ROB-12342 Datasheet
98Kb / 1P
Precision Disc Wheel - 2 (Clear Yellow, 2 Pack)
2/12/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com