Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM9986 Datasheet (PDF) - Infinite Electronics International, Inc.

SM9986 Datasheet PDF - Infinite Electronics International, Inc.
Part # SM9986
Download  SM9986 Download
File Size   572.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm NMD Female to N Male Adapter with Stainless Steel Body

SM9986 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM9986 Datasheet PDF - Infinite Electronics International, Inc.

Part # SM9986
Download  SM9986 Click to download

File Size   572.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm NMD Female to N Male Adapter with Stainless Steel Body

SM9986 Datasheet (HTML) - Infinite Electronics International, Inc.


SM9986 Product details

Features
• VSWR of 1.15:1 max
• up to 18 GHz
• 4 µin minimum contact plating
• Gold Plated Beryllium
• Copper Contact
• 30 µin min Gold Contact Plating
• Applications:
• Enables Between Series
• Connections
• General Purpose Test
• SM9986
• DATA SHEET




Similar Part No. - SM9986

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM9980 FAIRVIEW-SM9980 Datasheet
556Kb / 3P
3.5mm NMD Female to 2.92mm Female Adapter with Stainless Steel Body
REV 1.0
SM9981 FAIRVIEW-SM9981 Datasheet
556Kb / 3P
3.5mm NMD Female to 2.92mm Male Adapter with Stainless Steel Body
REV 1.0
SM9982 FAIRVIEW-SM9982 Datasheet
545Kb / 3P
2.4mm NMD Female to N Female Adapter with Stainless Steel Body
REV 1.0
SM9983 FAIRVIEW-SM9983 Datasheet
556Kb / 3P
2.92mm NMD Female to N Female Adapter with Stainless Steel Body
REV 1.0
SM9984 FAIRVIEW-SM9984 Datasheet
544Kb / 3P
2.4mm NMD Female to SMA Male Adapter with Stainless Steel Body
REV 1.0
More results


Similar Description - SM9986

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-0 PASTERNACK-PE7088-0_16 Datasheet
277Kb / 5P
0 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-2 PASTERNACK-PE7088-2_16 Datasheet
271Kb / 5P
2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-3 PASTERNACK-PE7088-3_16 Datasheet
272Kb / 5P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com