Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX884C8V2DPYR Datasheet (PDF) - Texas Instruments

BZX884C8V2DPYR Datasheet PDF - Texas Instruments
Part # BZX884C8V2DPYR
Download  BZX884C8V2DPYR Download
File Size   1451.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BZX884Cx Zener Voltage Regulator Diodes in DFN1006

BZX884C8V2DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX884C8V2DPYR Datasheet PDF - Texas Instruments

Part # BZX884C8V2DPYR
Download  BZX884C8V2DPYR Click to download

File Size   1451.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BZX884Cx Zener Voltage Regulator Diodes in DFN1006

BZX884C8V2DPYR Datasheet (HTML) - Texas Instruments


BZX884C8V2DPYR Product details

1 Features
• Total power dissipation: 250mW (max)
• Tolerance: ±5%
• Temperature range: -55°C to +150°C
• Leaded package used for automatic optical inspection (AOI)

2 Applications
• Voltage regulation
• Over-voltage protection

3 Description
The BZX884Cx is a family of voltage regulating diodes in a DFN1006 package. The diodes are available in Zener voltages ranging from 5.6V to 39V.




Similar Part No. - BZX884C8V2DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BZX884C8V2DPYR TI2-BZX884C8V2DPYR Datasheet
1Mb / 15P
BZX884Cx Zener Voltage Regulator Diodes in DFN1006
DECEMBER 2025
BZX884C8V2DPYR TI2-BZX884C8V2DPYR Datasheet
1Mb / 15P
BZX884Cx Zener Voltage Regulator Diodes in DFN1006
DECEMBER 2025
BZX884C8V2DPYRQ1 TI2-BZX884C8V2DPYRQ1 Datasheet
1Mb / 15P
BZX884Cx-Q1 Automotive Zener Voltage Regulator Diodes in DFN1006
DECEMBER 2025
BZX884C8V2DPYRQ1 TI2-BZX884C8V2DPYRQ1 Datasheet
1Mb / 15P
BZX884Cx-Q1 Automotive Zener Voltage Regulator Diodes in DFN1006
DECEMBER 2025
BZX884C8V2DPYRQ1 TI2-BZX884C8V2DPYRQ1 Datasheet
1Mb / 16P
BZX884Cx-Q1 Automotive Zener Voltage Regulator Diodes in DFN1006
REVISED MARCH 2026
More results


Similar Description - BZX884C8V2DPYR

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
ZENER VOLTAGE REGULATOR DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
VOLTAGE REGULATOR ZENER DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
Zener Voltage Regulator Diodes
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
Zener Voltage Regulator Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com