Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP132K331E Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP132K331E Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP132K331E
Download  RP132K331E Download
File Size   1606.99 Kbytes
Page   43 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Voltage 1A Voltage Regulator (LDO Regulator)

RP132K331E Datasheet (PDF)

Go To PDF Page Download Datasheet
RP132K331E Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP132K331E
Download  RP132K331E Click to download

File Size   1606.99 Kbytes
Page   43 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Voltage 1A Voltage Regulator (LDO Regulator)

RP132K331E Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP132K331E Product details

FEATURES
• Output Current ··········································· Min. 1A
• Supply Current ············································ Typ. 65μA
• Standby Current ········································· Typ. 0.15μA
• Input Voltage Range ···································· 1.4V to 6.5V
• Output Voltage Range ··································· Fixed Output Voltage Type: 0.8V to 5.5V (0.1V steps)
Adjustable Output Voltage Type: 0.8V to 5.5V
(For other voltages, please refer to MARK INFORMATIONS.)
• Dropout Voltage ··········································· Typ. 0.52V (VOUT=2.8V, IOUT=1A)
• Ripple Rejection ··········································· Typ. 70dB (f=1kHz, VOUT=2.8V)
• Output Voltage Accuracy ································ ±1.0%
• Output Voltage Temperature-Drift Coefficient ······ Typ. ±60ppm/°C
• Line Regulation ············································ Typ. 0.052%/V
• Load Regulation ········································· Typ. 3mV at IOUT=300mA, Typ. 5mV at IOUT=1A
• Packages ·················································· DFN(PL)1820-6, SOT-89-5, HSOP-6J,TO-252-5-P2
• Inrush Current Limit Circuit ··························· Typ. 500mA
B/D version: Inrush current limit time is 500μs.
E/F version: Inrush current limit time is adjustable.
• Fold-Back Protection Circuit ·························· Typ. 250mA (Current at short mode)
• Thermal Shutdown Circuit ····························· Thermal Shutdown Temperature: Typ. 165°C
Released Temperature: Typ. 95°C
• Auto Discharge Function ······························ D, F version
• Ceramic capacitors are recommended to be used with this IC ···· 2.2μF or more (VOUT ≤ 3.6V)
4.7μF or more (VOUT > 3.6V)




Similar Part No. - RP132K331E

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP132K331B NISSHINBO-RP132K331B Datasheet
1Mb / 40P
Low on Resistance / Low Voltage 1 A LDO for High Temperature Applications
RP132K331D NISSHINBO-RP132K331D Datasheet
1Mb / 40P
Low on Resistance / Low Voltage 1 A LDO for High Temperature Applications
More results


Similar Description - RP132K331E

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
Bipolar 1A LDO voltage regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com