Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP131K281B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP131K281B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP131K281B
Download  RP131K281B Download
File Size   2293.23 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW ON RESISTANCE / LOW VOLTAGE 1A LDO

RP131K281B Datasheet (PDF)

Go To PDF Page Download Datasheet
RP131K281B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP131K281B
Download  RP131K281B Click to download

File Size   2293.23 Kbytes
Page   36 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW ON RESISTANCE / LOW VOLTAGE 1A LDO

RP131K281B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP131K281B Product details

FEATURES
• Output Current ......................................................... Min. 1A
• Supply Current........................................................... Typ. 65A
• Standby Current ....................................................... Typ. 0.15A
• Input Voltage Range ................................................ 1.6V to 6.5V
• Output Voltage Range ............................................... 0.8V to 5.5V (1)(0.1V steps)
• Dropout Voltage......................................................... Typ. 0.5V (VOUT=2.8V, IOUT=1A)
• Ripple Rejection ........................................................ Typ. 70dB (f=1kHz, VOUT=2.8V)
• Output Voltage Accuracy............................................ 1.0%
• Temperature-Drift Coefficient of Output Voltage.......... Typ. 100ppm/C
• Line Regulation.......................................................... Typ. 0.05%/V
• Load Regulation ....................................................... Typ. 20mV at IOUT=300mA, Typ. 80mV at IOUT=1A
• Packages ................................................................. DFN1616-6B, DFN(PL)1820-6, SOT-89-5, HSOP-6J,
TO-252-5-P2
• Built-in Inrush current limit circuit .............................. Typ. 500mA
• Built-in Fold-Back Protection Circuit ......................... Typ. 250mA (Current at short mode)
• Built-in Thermal Shutdown Circuit ............................ Thermal Shutdown Temperature ; Typ. 165C
Released Temperature ; Typ. 135C
• Built-in Auto Discharge Function ............................... D version
• Ceramic capacitors are recommended to be used with this IC..... 2.2F or more (VOUT≤3.6V)
4.7F or more (VOUT3.6V)




Similar Part No. - RP131K281B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131K201B-TR RICOH-RP131K201B-TR Datasheet
779Kb / 36P
Output Current Min. 1A
RP131K201D-TR RICOH-RP131K201D-TR Datasheet
779Kb / 36P
Output Current Min. 1A
RP131K251B-TR RICOH-RP131K251B-TR Datasheet
779Kb / 36P
Output Current Min. 1A
RP131K251D-TR RICOH-RP131K251D-TR Datasheet
779Kb / 36P
Output Current Min. 1A
More results


Similar Description - RP131K281B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
Super low on resistance/Low voltage LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1172 RICOH-R1172 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1173 RICOH-R1173 Datasheet
546Kb / 26P
Super low on resistance/Low voltage LDO
April 1, 2012
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
Super low on resistance/Low voltage LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com