Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F200B Datasheet (PDF) - STMicroelectronics

29F200B Datasheet PDF - STMicroelectronics
Part # 29F200B
Download  29F200B Download
File Size   146.31 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory

29F200B Datasheet (PDF)

Go To PDF Page Download Datasheet
29F200B Datasheet PDF - STMicroelectronics

Part # 29F200B
Download  29F200B Click to download

File Size   146.31 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory

29F200B Datasheet (HTML) - STMicroelectronics


29F200B Product details

Description

The M29F200B is a 2 Mbit (256Kb x8 or 128Kb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single 5V supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM. The M29F200B is fully backward compatible with the M29F200.



Features

■ Single 5V±10% supply voltage for Program, Erase and Read operations

■ Access time: 45, 50, 70, 90ns

■ Programming time

  – 8µs per Byte/Word typical

■ 7 memory blocks

  – 1 Boot Block (Top or Bottom location)

  – 2 parameter and 4 main blocks

■ Program/Erase controller

  – Embedded Byte/Word Program algorithm

  – Embedded Multi-Block/Chip Erase algorithm

  – Status Register polling and toggle bits

  – Ready/Busy output pin

■ Erase Suspend and Resume modes

  – Read and Program another block during Erase Suspend

■ Unlock Bypass Program command

  – Faster Production/Batch Programming

■ Temporary Block Unprotection mode

■ Low power consumption

  – Standby and Automatic Standby

■ 100,000 Program/Erase cycles per block

■ 20 years data retention

  – Defectivity below 1 ppm/year

■ Electronic Signature

  – Manufacturer code: 0020h

  – Top Device code M29F200BT: 00D3h

  – Bottom Device code: M29F200BB: 00D4h

■ ECOPACK® packages available



 




Similar Part No. - 29F200B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
29F200BB AMD-29F200BB Datasheet
810Kb / 41P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - 29F200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002BT STMICROELECTRONICS-M29F002BT Datasheet
189Kb / 22P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
22-Apr-2002
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W200BT STMICROELECTRONICS-M29W200BT Datasheet
503Kb / 22P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
19-Sep-2005
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com