Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M491B1 Datasheet (PDF) - STMicroelectronics

M491B1 Datasheet PDF - STMicroelectronics
Part # M491B1
Download  M491B1 Download
File Size   135.73 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL

M491B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M491B1 Datasheet PDF - STMicroelectronics

Part # M491B1
Download  M491B1 Click to download

File Size   135.73 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL

M491B1 Datasheet (HTML) - STMicroelectronics


M491B1 Product details

DESCRIPTION
The M491B is a monolithic N-MOS LSI circuit including a Floating-gate Non-Volatile Memory for storage of up to 16 stations. Tuning of the station is performed with a 8192 step D/A converter, using the principle of voltage synthesis. It is designed for 7-segment LED displays. Direct memory selection is possible only from remote control while Up/Down memory scanning is possible on the set and also from remote control. An option input for 8 or 16 stations is available. The circuit also includes a PCM remote control receiver operating in conjunction with the transmitter M708.

■ 16-STATION MEMORY - 7-SEGMENT LED DISPLAY
■ VOLTAGE SYNTHESIZER : 13 BITS
■ 4-BAND PRESET CAPABILITY
■ NON-VOLATILE MEMORY : 304 BITS
   - 16 WORDS OF 19 BITS FOR TUNING VOLTAGE (13 bits) - BAND (2 bits) - FINE DETUNING (4 bits)
   - 104 MODIFY CYCLES PER WORD
   - MIN 10 YEARS DATA RETENTION
■ PCM REMOTE CONTROL RECEIVER : DECODES SIGNAL TRANSMITTED BY M708
■ VOLUME D/A : 6-BIT RESOLUTION / 8kHz
■ MEMORY SKIP FUNCTION
■ AUTOMATIC SEARCH WITH DIGITAL AFT CONTROL
■ FINE DETUNING D/A ACTING ON AFT DISCRIMINATOR (16 steps) WITH SEPARATE STORAGE FOR EACH MEMORY POSITION.
   ALTERNATIVELY IT CAN BE USED TO CONTROL BRIGHTNESS OR COLOUR SATURATION
■ MANUAL SEARCH WITH DIGITAL AFT CONTROL
■ MANUAL SEARCH WITH LINEAR AFT
■ SWEEP SEARCH DISPLAY OUTPUT
■ SUPPLY VOLTAGES : VDD = + 5V, VPP = + 25V FOR THE MEMORY
■ CLOCK OSCILLATOR : 445 TO 510kHz
■ INTEGRATED DIGITAL POWER ON RESET
   (no external initialization circuitry required)




Similar Part No. - M491B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M491B STMICROELECTRONICS-M491B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
More results


Similar Description - M491B1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
STMicroelectronics
M494 STMICROELECTRONICS-M494 Datasheet
223Kb / 22P
SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
June 1991
logo
Toshiba Semiconductor
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
07-Jul-1997
TC9321F-006 TOSHIBA-TC9321F-006 Datasheet
180Kb / 6P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CAR CD
21-Oct-1998
logo
Sanyo Semicon Device
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
logo
STMicroelectronics
M490B STMICROELECTRONICS-M490B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
logo
ATMEL Corporation
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com