Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FG104EFLF Datasheet (PDF) - Renesas Technology Corp

9FG104EFLF Datasheet PDF - Renesas Technology Corp
Part # 9FG104EFLF
Download  9FG104EFLF Download
File Size   354.77 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA

9FG104EFLF Datasheet (PDF)

Go To PDF Page Download Datasheet
9FG104EFLF Datasheet PDF - Renesas Technology Corp

Part # 9FG104EFLF
Download  9FG104EFLF Click to download

File Size   354.77 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA

9FG104EFLF Datasheet (HTML) - Renesas Technology Corp


9FG104EFLF Product details

• Generates common frequencies from 14.318MHz or
25MHz
• Crystal or reference input
• 4 - 0.7V current-mode HCSL output pairs
• Supports Serial-ATA at 100MHz
• Two spread spectrum modes: -0.5% down spread and
+/-0.25% center spread; Lower EMI
• 31.5KHz spread modulation rate; passes USB3
compliance testing
• Unused outputs may be disabled in either driven or Hi-Z
state for power manangement
• I-temp version available; supports embedded
applications




Similar Part No. - 9FG104EFLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
More results


Similar Description - 9FG104EFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG1201H IDT-ICS9FG1201H Datasheet
264Kb / 21P
Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com