Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP104N331B Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP104N331B Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP104N331B
Download  RP104N331B Download
File Size   3048.63 Kbytes
Page   33 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR

RP104N331B Datasheet (PDF)

Go To PDF Page Download Datasheet
RP104N331B Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP104N331B
Download  RP104N331B Click to download

File Size   3048.63 Kbytes
Page   33 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR

RP104N331B Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP104N331B Product details

FEATURES
•Supply Current .............................................................Typ. 1.0μA
(Except the current through CE pull down circuit)
•Standby Current ...........................................................Typ. 0.1μA
•Dropout Voltage............................................................Typ. 0.24V (IOUT=150mA, VOUT=2.8V)
•Temperature-Drift Coefficient of Output Voltage ..........Typ. ±40ppm/°C
•Line Regulation ............................................................Typ. 0.02%/V
•Output Voltage Accuracy..............................................±0.8%
•Packages......................................................................DFN(PL)1010-4, SC-82AB, SOT-23-5
•Input Voltage Range.....................................................1.7V to 5.25V
•Output Voltage Range...................................... ...........1.2V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
•Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
•Ceramic capacitors are recommended to be used with this IC .... 0.1μF or more




Similar Part No. - RP104N331B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104N331B RICOH-RP104N331B Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
More results


Similar Description - RP104N331B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com