Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP110N30MP Datasheet (PDF) - A POWER MICROELECTRONICS

AP110N30MP Datasheet PDF - A POWER MICROELECTRONICS
Part # AP110N30MP
Download  AP110N30MP Download
File Size   728.94 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 300V N-Channel Enhancement Mode MOSFET

AP110N30MP Datasheet (PDF)

Go To PDF Page Download Datasheet
AP110N30MP Datasheet PDF - A POWER MICROELECTRONICS

Part # AP110N30MP
Download  AP110N30MP Click to download

File Size   728.94 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 300V N-Channel Enhancement Mode MOSFET

AP110N30MP Datasheet (HTML) - A POWER MICROELECTRONICS


AP110N30MP Product details

Features
- VDS = 300V ID =110A
- RDS(ON) < 39mΩ @ VGS=10V (Type:30mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP110N30MP

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP110N30VP APME-AP110N30VP Datasheet
1Mb / 7P
300V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP110N30MP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
300V N-Channel MOSFET
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
logo
Supertex, Inc
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
Shenzhen Huazhimei Semi...
HM5N30K HMSEMI-HM5N30K Datasheet
1Mb / 6P
300V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com