Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDTSCW001 Datasheet (PDF) - Amphenol Communications Solutions

MDTSCW001 Datasheet PDF - Amphenol Communications Solutions
Part # MDTSCW001
Download  MDTSCW001 Download
File Size   400.35 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description PCIe ® M.2 Gen 3 and Gen 4 Card Edge Connectors

MDTSCW001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDTSCW001 Datasheet PDF - Amphenol Communications Solutions

Part # MDTSCW001
Download  MDTSCW001 Click to download

File Size   400.35 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description PCIe ® M.2 Gen 3 and Gen 4 Card Edge Connectors

MDTSCW001 Datasheet (HTML) - Amphenol Communications Solutions


MDTSCW001 Product details

FEATURES
Card edge connector with 67 contacts on a 0.50mm pitch
Compliant with PCIe® 3.0, USB 3.0 and SATA 3.0
75 positions with 8 connector key options
Available in various connector height
Supports both single and double-sided modules
Upgradable to Gen 4 (16Gb/s)
Provides both right-angle and vertical orientations
Vertical M.2 supports 5,000 mating cycles
Offers dual port M.2 and supports straight insertion with 2.00m height M.2




Similar Part No. - MDTSCW001

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDT-160 SLPOWER-MDT-160 Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
89Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
MDT-164-1212R SLPOWER-MDT-164-1212R Datasheet
83Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
More results


Similar Description - MDTSCW001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Advantech Co., Ltd.
SQF-C3A-720-D ADVANTECH-SQF-C3A-720-D Datasheet
381Kb / 1P
PCIe Gen.3 x2 M.2 2230 SSD
1-Jun-2022
SQF-C4M-720-D ADVANTECH-SQF-C4M-720-D Datasheet
335Kb / 1P
PCIe Gen.3 x4 M.2 2242 SSD
1-Jun-2022
SQF-C8B-720-D ADVANTECH-SQF-C8B-720-D Datasheet
348Kb / 1P
PCIe Gen.3 x2 M.2 2280 SSD
1-Jun-2022
SQF-C8M-720-D ADVANTECH-SQF-C8M-720-D Datasheet
334Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
SQF-C8M-930-D ADVANTECH-SQF-C8M-930-D Datasheet
375Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-C8M-ER-1 ADVANTECH-SQF-C8M-ER-1 Datasheet
374Kb / 1P
PCIe Gen.4 x4 M.2 2280 SSD
7-Jul-2022
SQF-CM8-920-D ADVANTECH-SQF-CM8-920-D Datasheet
363Kb / 1P
PCIe Gen.3 x4 M.2 2280 SSD
1-Jun-2022
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com