Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG91378 Datasheet (PDF) - Pro-Signal

PSG91378 Datasheet PDF - Pro-Signal
Part # PSG91378
Download  PSG91378 Download
File Size   256.43 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead HDMI Plug to DVI-D Plug

PSG91378 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG91378 Datasheet PDF - Pro-Signal

Part # PSG91378
Download  PSG91378 Click to download

File Size   256.43 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead HDMI Plug to DVI-D Plug

PSG91378 Datasheet (HTML) - Pro-Signal


PSG91378 Product details

Description
19 Pin Plug to DVI-D (24+1) Plug, Black




Similar Part No. - PSG91378

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91320 PROSIGNAL-PSG91320 Datasheet
250Kb / 1P
High Speed 4K UHD HDMI Lead Male to Male, Gold Plated
V1.0 20/08/21
PSG91331 PROSIGNAL-PSG91331 Datasheet
224Kb / 1P
VGA Adaptor Male to Female Right Angle
V1.0 20/07/21
PSG91341 PROSIGNAL-PSG91341 Datasheet
208Kb / 1P
HDMI Plug to HDMI Plug
V1.0 23/05/22
PSG91342 PROSIGNAL-PSG91342 Datasheet
208Kb / 1P
HDMI Plug to HDMI Plug
V1.0 23/05/22
More results


Similar Description - PSG91378

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65S019P-321N-B ETC2-65S019P-321N-B Datasheet
157Kb / 2P
Solder Plug HDMI-D
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
HDMI 4K x 2K UHD Upscaler
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com