Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG03644 Datasheet (PDF) - Pro-Signal

PSG03644 Datasheet PDF - Pro-Signal
Part # PSG03644
Download  PSG03644 Download
File Size   155.56 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Desktop Monitor Mount

PSG03644 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG03644 Datasheet PDF - Pro-Signal

Part # PSG03644
Download  PSG03644 Click to download

File Size   155.56 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Desktop Monitor Mount

PSG03644 Datasheet (HTML) - Pro-Signal


PSG03644 Product details

Description
Perfect as a replacement for lost or broken monitor stands, this desk stand is designed to support monitors with screen sizes 14″ to 19″ and a maximum weight of 8kg.

Features
•
Recommended for 14″ to 19″ monitors
•
Tilt & swivel function
•
Tool free height adjustment: 195mm to 255mm
•
VESA 75/100 compatible
•
Sturdy, all metal construction
•
Foam pad under base prevents scratches to desk surface
•
Maximum weight capacity: 8kg

Description
Desktop Monitor Mount, screens up to 8kg VESA Compatible




Similar Part No. - PSG03644

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG03600 MULTICOMP-PSG03600 Datasheet
190Kb / 1P
4mm Banana Plug, Pale Chrome Plated Red and Black Ring
V1.0 28/08/20
PSG03601 MULTICOMP-PSG03601 Datasheet
122Kb / 1P
Banana Plug Red
V1.0 14/09/20
PSG03605 MULTICOMP-PSG03605 Datasheet
163Kb / 1P
3.5mm 4-Pole Jack Socket with Soft Black Plastic Body
V1.0 28/04/21
PSG03624 MULTICOMP-PSG03624 Datasheet
165Kb / 1P
Yellow 12-10 AWG Female Disconnect
V1.0 03/04/20
PSG03627 MULTICOMP-PSG03627 Datasheet
223Kb / 1P
HDMI A Female-to-Micro HDMI D Male Adapter
V1.0 27/01/21
More results


Similar Description - PSG03644

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM14X82 SHARP-LM14X82 Datasheet
24Kb / 1P
Color STN-LCD Module(Desktop PC/Monitor)
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
Color TFT-LCD Module(Desktop PC/Monitor)
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
Extech Instruments Corp...
CO50 EXTECH-CO50 Datasheet
92Kb / 1P
Desktop Carbon Monoxide (CO) Monitor
CO100 EXTECH-CO100 Datasheet
350Kb / 1P
Desktop Indoor Air Quality CO2 Monitor
CO200 EXTECH-CO200 Datasheet
188Kb / 1P
Desktop Indoor Air Quality CO2 Monitor
CO210 EXTECH-CO210 Datasheet
190Kb / 1P
Desktop Indoor Air Quality CO2 Monitor/Datalogger
CO220 EXTECH-CO220 Datasheet
428Kb / 1P
Desktop Indoor Air Quality CO2 Monitor
FM300 EXTECH-FM300 Datasheet
95Kb / 1P
Desktop Formaldehyde (CH2O or HCHO) Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com