Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTW68-800RG Datasheet (PDF) - STMicroelectronics

BTW68-800RG Datasheet PDF - STMicroelectronics
Part # BTW68-800RG
Download  BTW68-800RG Download
File Size   73.2 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A SCRs

BTW68-800RG Datasheet (PDF)

Go To PDF Page Download Datasheet
BTW68-800RG Datasheet PDF - STMicroelectronics

Part # BTW68-800RG
Download  BTW68-800RG Click to download

File Size   73.2 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A SCRs

BTW68-800RG Datasheet (HTML) - STMicroelectronics


BTW68-800RG Product details

Features
■ On-state rms current: 30 A
■ Blocking voltage: up to 1200 V
■ Gate current: 50 mA
■ UL 2500 V insulation (file ref E81734)

Description
Available in a high power insulated package, the BTW68 series is suitable for applications where power handling and power dissipation are critical such as solid state relays, welding equipment and high power motor control.
Based on a clip assembly technology, this device offers a superior performance in surge current handling capabilities.
Thanks to the internal ceramic pad, the device provides high voltage insulation (2500 VRMS) and complies with UL standards (file ref: E81734).




Similar Part No. - BTW68-800RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW68-800 STMICROELECTRONICS-BTW68-800 Datasheet
70Kb / 5P
HIGH SURGE CAPABILITY
1995-Mar
More results


Similar Description - BTW68-800RG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
SCRs .5 A, Planar
logo
Littelfuse
S201E LITTELFUSE-S201E Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
TN3015H-6G STMICROELECTRONICS-TN3015H-6G Datasheet
267Kb / 11P
High temperature 30 A, 600 V D2PAK thyristor SCRs
TN3015H-6I STMICROELECTRONICS-TN3015H-6I Datasheet
232Kb / 10P
High temperature 30 A, 600 V TO220 insulated thyristor SCRs
TN3015H-6T STMICROELECTRONICS-TN3015H-6T Datasheet
230Kb / 10P
High temperature 30 A, 600 V TO220 thyristor SCRs
08-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com