Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG03666 Datasheet (PDF) - Pro-Signal

PSG03666 Datasheet PDF - Pro-Signal
Part # PSG03666
Download  PSG03666 Download
File Size   231.14 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead 90 Deg. Plug to 90 Deg. Plug

PSG03666 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG03666 Datasheet PDF - Pro-Signal

Part # PSG03666
Download  PSG03666 Click to download

File Size   231.14 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead 90 Deg. Plug to 90 Deg. Plug

PSG03666 Datasheet (HTML) - Pro-Signal


PSG03666 Product details

Features
•
HDMI 90° Plug to HDMI 90° plug lead
•
Ideal for rear HDMI connections on flat screen TVs & where space is an issue
•
Prevents kinks in cable
•
Moulded bodies with gold plated connectors


Description
High Speed 4K UHD HDMI Lead, 90 Deg. Plug to 90 Deg. Plug, Gold Plated Connectors, Black




Similar Part No. - PSG03666

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG03600 MULTICOMP-PSG03600 Datasheet
190Kb / 1P
4mm Banana Plug, Pale Chrome Plated Red and Black Ring
V1.0 28/08/20
PSG03601 MULTICOMP-PSG03601 Datasheet
122Kb / 1P
Banana Plug Red
V1.0 14/09/20
PSG03605 MULTICOMP-PSG03605 Datasheet
163Kb / 1P
3.5mm 4-Pole Jack Socket with Soft Black Plastic Body
V1.0 28/04/21
PSG03624 MULTICOMP-PSG03624 Datasheet
165Kb / 1P
Yellow 12-10 AWG Female Disconnect
V1.0 03/04/20
PSG03627 MULTICOMP-PSG03627 Datasheet
223Kb / 1P
HDMI A Female-to-Micro HDMI D Male Adapter
V1.0 27/01/21
More results


Similar Description - PSG03666

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
4 Way 3mm LED Array 90 deg Mount
logo
American Accurate Compo...
LLHB31B2-1475-G AAC-LLHB31B2-1475-G Datasheet
132Kb / 2P
SMT Hybrid Coupler 3dB 90 deg.
logo
Tyco Electronics
1-826656-3 MACOM-1-826656-3 Datasheet
413Kb / 4P
AMPMODU STIFTLEISTEN 90 DEG, ZWEIREIHIG
logo
Molex Electronics Ltd.
SD-130299-007 MOLEX11-SD-130299-007 Datasheet
128Kb / 1P
MIC PCB RECEPTACLE 5/C, A-CODE, 90 DEG
logo
List of Unclassifed Man...
CBRE3522 ETC2-CBRE3522 Datasheet
134Kb / 1P
90 DEG BNC EXTENDED BODY PLUG FOR ECS COAX CABLE 352001
CBRL3522 ETC2-CBRL3522 Datasheet
136Kb / 1P
90 DEG BNC EXTENDED BODY PLUG FOR ECS COAX CABLE 352001
CTRE3522 ETC2-CTRE3522 Datasheet
136Kb / 1P
90 DEG TNC EXTENDED BODY PLUG FOR ECS COAX CABLE 352001
CTRL3522 ETC2-CTRL3522 Datasheet
134Kb / 1P
90 DEG TNC EXTENDED BODY PLUG FOR ECS COAX CABLE 352001
logo
Winchester Electronics ...
1206-45-22 WINCHESTER-1206-45-22 Datasheet
111Kb / 1P
N PLUG, 15 DEG, ANGLE
logo
TE Connectivity Ltd
108-94256 TEC-108-94256 Datasheet
505Kb / 15P
HV 8MM 90 DEG CONTACT SYSTEM HV 8mm 90 Grad Kontaktsystem
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com