Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG03536 Datasheet (PDF) - Pro-Signal

PSG03536 Datasheet PDF - Pro-Signal
Part # PSG03536
Download  PSG03536 Download
File Size   230.31 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead Male to Male

PSG03536 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG03536 Datasheet PDF - Pro-Signal

Part # PSG03536
Download  PSG03536 Click to download

File Size   230.31 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead Male to Male

PSG03536 Datasheet (HTML) - Pro-Signal


PSG03536 Product details

Description
High quality HDMI cable for digital device connections. Built to 1.4 specification with moulded plugs and strain relief.

Description
High Speed 4K UHD HDMI Lead, Male to Male, Black




Similar Part No. - PSG03536

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG03531 PROSIGNAL-PSG03531 Datasheet
217Kb / 1P
High Speed 4K UHD HDMI Lead Male to Male
V1.0 31/10/22
PSG03531 PROSIGNAL-PSG03531 Datasheet
195Kb / 1P
High Speed HDMI Leads
V1.1 19/05/15
PSG03532 PROSIGNAL-PSG03532 Datasheet
195Kb / 1P
High Speed HDMI Leads
V1.1 19/05/15
PSG03533 PROSIGNAL-PSG03533 Datasheet
214Kb / 1P
High Speed 4K UHD HDMI Lead Male to Male
V1.0 14/12/21
PSG03534 PROSIGNAL-PSG03534 Datasheet
217Kb / 1P
High Speed 4K UHD HDMI Lead Male to Male
V1.0 31/10/22
More results


Similar Description - PSG03536

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
logo
Tripp Lite. All Rights ...
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P130-000-AUDIO TRIPPLITE-P130-000-AUDIO Datasheet
493Kb / 2P
UHD 4K x 2K 30 Hz HDMI Audio De-Embedder Extractor
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
HDMI 4K x 2K UHD Upscaler
logo
Texas Instruments
DLP470TP TI1-DLP470TP Datasheet
741Kb / 48P
0.47 4K UHD DMD
DLP470TE TI1-DLP470TE_19 Datasheet
774Kb / 47P
0.47 4K UHD DMD
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
0.66 4K UHD DMD
logo
Tripp Lite. All Rights ...
U444F3-15M-H4K6 TRIPPLITE-U444F3-15M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 15 m
U444F3-20M-H4K6 TRIPPLITE-U444F3-20M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 20 m
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com