Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG08052 Datasheet (PDF) - Pro-Signal

PSG08052 Datasheet PDF - Pro-Signal
Part # PSG08052
Download  PSG08052 Download
File Size   227.76 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description VGA Male to 2x VGA Female

PSG08052 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG08052 Datasheet PDF - Pro-Signal

Part # PSG08052
Download  PSG08052 Click to download

File Size   227.76 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description VGA Male to 2x VGA Female

PSG08052 Datasheet (HTML) - Pro-Signal


PSG08052 Product details

Features
Allows two VGA monitors to be connected to a single VGA output
VGA Male to 2x VGA Female
Designed for short range desktop installations of up to 10m
Gold plated connectors
Moulded Housing
Lead length: 200mm

Description
VGA Male to 2x VGA Female




Similar Part No. - PSG08052

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08017 PROSIGNAL-PSG08017 Datasheet
231Kb / 1P
Replacement Headphone Pads
V1.0 31/03/22
PSG08094 PROSIGNAL-PSG08094 Datasheet
282Kb / 1P
Coaxial to Optical Adapter
V1.0 02/09/21
More results


Similar Description - PSG08052

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD064VT5 AZDISPLAYS-PD064VT5 Datasheet
494Kb / 23P
Compatible with VGA-480 , VGA-400 , VGA-350 mode
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
CnC Tech, LLC
750-10011-00200 CNC-750-10011-00200 Datasheet
145Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
750-10011-00300 CNC-750-10011-00300 Datasheet
145Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
750-10011-00500 CNC-750-10011-00500 Datasheet
183Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com