| Manufacturer | Part # | Datasheet | Description |
 Adam Technologies, Inc. |
USB-B-S-RA
|
158Kb / 1P |
USB CONNECTOR TYPE B SINGLE PORT & TYPE B PLUG
|
 FCI connector |
10104109
|
174Kb / 1P |
MICRO-USB B-TYPE PLUG
|
 Amphenol Corporation |
GSB327133WEU
|
208Kb / 2P |
USB 3.0 B TYPE PLUG, CABLE MOUNT
|
 CONEC Elektronische Bau... |
17-250031
|
292Kb / 1P |
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
|
 Assmann Electronics Inc... |
AK673-OE
|
48Kb / 1P |
USB Cable, B Plug
|
 Pulse A Technitrol Comp... |
E8199-060-01
|
180Kb / 2P |
USB 3.0 A TYPE PLUG
|
|
E8199-070-01
|
109Kb / 1P |
USB 3.0 B TYPE PLUG
|
 Molex Electronics Ltd. |
1110150101
|
47Kb / 1P |
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 0.50m Length, Polarization B
|
|
1110150201
|
47Kb / 1P |
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.00m Length, Polarization B
|
|
1110150301
|
47Kb / 1P |
HSAutoLink Cable Assembly, USCAR/USB TYPE A Receptacle-to-MINI-B Plug, 1.50m Length, Polarization B
|