Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJA1001 Datasheet (PDF) - WJ Communication. Inc.

WJA1001 Datasheet PDF - WJ Communication. Inc.
Part # WJA1001
Download  WJA1001 Download
File Size   207.61 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description 5V Active-Bias InGaP HBT Gain Block

WJA1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
WJA1001 Datasheet PDF - WJ Communication. Inc.

Part # WJA1001
Download  WJA1001 Click to download

File Size   207.61 Kbytes
Page   4 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description 5V Active-Bias InGaP HBT Gain Block

WJA1001 Datasheet (HTML) - WJ Communication. Inc.


WJA1001 Product details

Product Description
The WJA1001 is a cascadable gain block that offers high linearity in a low-cost surface-mount package. At 900 MHz, the WJA1001 typically provides 19 dB gain, +45 dBm OIP3, and +20 dBm P1dB. The device is housed in a lead-free/green/RoHS-compliant SOT-89 SMT package using a NiPdAu plating to eliminate the possibility of tin whiskering.

Product Features
• 50 – 3000 MHz
• 19 dB Gain @ 900MHz
• +20 dBm P1dB @ 900MHz
• +45 dBm OIP3 @ 900MHz
• +5V Single Supply
• Low current draw (100 mA)
• Unconditionally stable
• Internally matched to 50 
• Robust 1000V ESD, Class 1C
• Lead-free/green/RoHS-compliant SOT-89 package

Applications
• GSM, PCS, CDMA, WCDMA
• WiMAX, WiBro
• Repeaters, BTS Transceivers
• RFID




Similar Part No. - WJA1001

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1000 WJCI-WJA1000 Datasheet
215Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1000-PCB WJCI-WJA1000-PCB Datasheet
215Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1005-PCB WJCI-WJA1005-PCB Datasheet
213Kb / 4P
5V Active-Bias InGaP HBT Gain Block
More results


Similar Description - WJA1001

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1015 WJCI-WJA1015 Datasheet
213Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1510 WJCI-WJA1510 Datasheet
196Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1030 TRIQUINT-WJA1030 Datasheet
179Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
5V Active-Bias InGaP HBT Gain Block
WJA1010 TRIQUINT-WJA1010_15 Datasheet
260Kb / 4P
5V Active-Bias InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com