Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPL-20 Datasheet (PDF) - Recom International Power

RPL-20 Datasheet PDF - Recom International Power
Part # RPL-20
Download  RPL-20 Download
File Size   859.09 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 20A / 4-16VDC / 29 Pad LGA-M Package

RPL-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RPL-20 Datasheet PDF - Recom International Power

Part # RPL-20
Download  RPL-20 Click to download

File Size   859.09 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 20A / 4-16VDC / 29 Pad LGA-M Package

RPL-20 Datasheet (HTML) - Recom International Power


RPL-20 Product details

FEATURES
• High power density (7 x 7 x 4.4mm)
• Operating temperature of -40°C to +90°C at full load
• High efficiency 94%
• Wide 4-16VDC input voltage
• SCP, OCP, and UVLO protection
• Programmable 0.6 - 5.5V output
• Selectable pulse-skip and CCM modes
• 3 year warranty

DESCRIPTION
The RPL-20 is a 20A buck converter with integrated inductor in a compact 7mm x 7mm x 4.4mm thermally-enhanced LGA package. The input range is from 4.0 to 16VDC, allowing both 5V and 12V supply rails to be used. The output voltage can be set with two resistors in the range from 0.6V up to 5.5V. The output is fully protected against continuous short-circuit, overload, under-voltage or over-temperature faults. A PG output and EN input allow easy power sequencing. Its high output current capability , small size, light load pulse skipping and fast transient regulation make the RPL-20 ideal for FPGAs, imaging systems, distributed power architectures, portable equipment in telecom as well as industrial applications.




Similar Part No. - RPL-20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPL-20 RECOM-RPL-20 Datasheet
860Kb / 7P
20A ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-20 Series ◊ Power Module
Rev. 2-2024
RPL-20-T RECOM-RPL-20-T Datasheet
860Kb / 7P
20A ◊ Input: 4-16VDC ◊ 29 Pad LGA-M Package RPL-20 Series ◊ Power Module
Rev. 2-2024
More results


Similar Description - RPL-20

ManufacturerPart #DatasheetDescription
logo
MMD Components
WCSMC MMD-WCSMC Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
logo
Protek Devices
DFN-2-0402 PROTEC-DFN-2-0402 Datasheet
280Kb / 5P
package outline & pad layout
logo
ILSI America LLC
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
logo
List of Unclassifed Man...
KXTJ2-1009 ETC2-KXTJ2-1009 Datasheet
598Kb / 2P
Ultra-small Package - 2x2x0.9mm LGA
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
logo
Golledge Electronics Lt...
GVXO-523 GOLLEDGE-GVXO-523 Datasheet
596Kb / 5P
3.3V SM VCXO - 5.0x3.2mm 4-pad package
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
30A 16VDC switching rating
logo
HARTING Technology Grou...
09-37-016-0521 HARTING-09-37-016-0521 Datasheet
507Kb / 2P
Han M Hood Side Entry 4 Pegs PG 29
09-37-024-0421 HARTING-09-37-024-0421 Datasheet
456Kb / 2P
M Hood Top Entry 4 Pegs PG 29
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
1Mb / 8P
3.0 Amp 10 Pad LGA Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com