Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP591250MDRVREP Datasheet (PDF) - Texas Instruments

LP591250MDRVREP Datasheet PDF - Texas Instruments
Part # LP591250MDRVREP
Download  LP591250MDRVREP Download
File Size   3437.3 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO

LP591250MDRVREP Datasheet (PDF)

Go To PDF Page Download Datasheet
LP591250MDRVREP Datasheet PDF - Texas Instruments

Part # LP591250MDRVREP
Download  LP591250MDRVREP Click to download

File Size   3437.3 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO

LP591250MDRVREP Datasheet (HTML) - Texas Instruments


LP591250MDRVREP Product details

1 Features
• Input voltage range: 1.6 V to 6.5 V
• Output voltage range: 0.8 V to 5.5 V
• Output current: Up to 500 mA
• Low output-voltage noise: 12 μVRMS (typ)
• PSRR at 1 kHz: 75 dB (typ)
• Output voltage tolerance (VOUT ≥ 3.3 V): ±2%
• Low IQ (enabled, no load): 30 μA (typ)
• Low dropout (VOUT ≥ 3.3 V):
95 mV (typ) at 500-mA load
• Stable with 1-μF ceramic input and output
capacitors
• Thermal-overload and short-circuit protection
• Reverse current protection
• No noise bypass capacitor required
• Output automatic discharge for fast turnoff
• Power-good output with 140-μs (typ) delay
• Internal soft-start to limit inrush current
• Operating junction temperature: –55°C to +125°C
• Supports defense, aerospace, and medical
applications:
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Extended product-change notification
– Product traceability

2 Applications
• Surveillance systems
• Inertial navigation
• Land mobile radios
• Global positioning system receivers
• Data concentrator units

3 Description
The LP5912-EP is a low-noise, low-dropout regulator
(LDO) that can supply up to 500 mA of output
current. Designed to meet the requirements of RF and
analog circuits, the LP5912-EP provides low noise,
high PSRR, low quiescent current, and low line and
load transient response. The LP5912-EP offers classleading
noise performance without a noise bypass
capacitor and with the ability for remote output
capacitance placement.
The device is designed to work with a 1-μF input and
a 1-μF output ceramic capacitor (a separate noise
bypass capacitor is not required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact the Texas
Instruments Sales office for specific voltage option
requirements.




Similar Part No. - LP591250MDRVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP591250MDRVREP TI-LP591250MDRVREP Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP591250MDRVREP TI-LP591250MDRVREP Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Similar Description - LP591250MDRVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5912-EP TI-LP5912-EP Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V01 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com