Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA751B Datasheet (PDF) - Texas Instruments

INA751B Datasheet PDF - Texas Instruments
Part # INA751B
Download  INA751B Download
File Size   2250.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA751x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology

INA751B Datasheet (PDF)

Go To PDF Page Download Datasheet
INA751B Datasheet PDF - Texas Instruments

Part # INA751B
Download  INA751B Click to download

File Size   2250.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA751x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology

INA751B Datasheet (HTML) - Texas Instruments


INA751B Product details

1 Features
• Precision design with integrated shunt resistor
– ±35A continuous current at 25°C
– ±25A continuous current from at 125°C
– Shunt resistor: 800μΩ
– Shunt inductance: 2.5nH
• Wide common-mode voltage range: –4V to +110V
• High small signal bandwidth : 1MHz
• Excellent CMRR
– 160dB DC CMRR
– 114dB AC CMRR at 50kHz
• High measurement accuracy
– System Gain error (maximum)
• Version A: ±0.4%, ±40ppm/°C drift
• Version B: ±1%, ±100ppm/°C drift
– Offset current (maximum)
• Version A: ±20mA, ±35mA over temperature
• Version B: ±105mA, ±125mA over
temperature
• Adjustable gain with external resistor divider
network: 40mV/A to 800mV/A
• Open-drain temperature alert at TJ of 160°C

2 Applications
• 48V DC/DC Converter
• 48V battery management systems (BMS)
• Test & Measurement
• Macro remote radio unit (RRU)
• 48V rack server
• 48V merchant network & server power supply
(PSU)

3 Description
The INA751x is a voltage output, current sense
amplifier with an integrated shunt resistor of 800μΩ.
The INA751x is designed to monitor bidirectional
current over a common-mode range of –4V to +110V,
independent of the supply voltage. Adjustable gain
option assists in optimizing the system dynamic
range. The integration of the Kelvin connected shunt
resistor with a zero-drift chopped amplifier provides
calibration equivalent measurement accuracy, ultralow
temperature drift performance of ±40ppm/°C, and
an optimized layout for the sensing resistor.
This device operates from a single 2.7V to 5.5V power
supply, drawing a maximum of 4.25mA of supply
current. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are available in a 14-pin VQFN package.




Similar Part No. - INA751B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA751B TI2-INA751B Datasheet
2Mb / 35P
INA751x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology
NOVEMBER 2025
INA751B-Q1 TI2-INA751B-Q1 Datasheet
2Mb / 37P
INA751x-Q1 AEC-Q100, –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology
JANUARY 2026
INA751BIREMR TI2-INA751BIREMR Datasheet
2Mb / 35P
INA751x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology
NOVEMBER 2025
INA751BQWREMRQ1 TI2-INA751BQWREMRQ1 Datasheet
2Mb / 37P
INA751x-Q1 AEC-Q100, –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 35A EZShunt™ Technology
JANUARY 2026
More results


Similar Description - INA751B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com