Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZETA-433-SO Datasheet (PDF) - rfsolutions.ltd

ZETA-433-SO Datasheet PDF - rfsolutions.ltd
Part # ZETA-433-SO
Download  ZETA-433-SO Download
File Size   4178.05 Kbytes
Page   13 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description Miniature RF Transceiver

ZETA-433-SO Datasheet (PDF)

Go To PDF Page Download Datasheet
ZETA-433-SO Datasheet PDF - rfsolutions.ltd

Part # ZETA-433-SO
Download  ZETA-433-SO Click to download

File Size   4178.05 Kbytes
Page   13 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description Miniature RF Transceiver

ZETA-433-SO Datasheet (HTML) - rfsolutions.ltd


ZETA-433-SO Product details

Features
• TINY form factor: 16mm x 16mm
• 2Km range, optimised RF matching
• Low cost and high performance
• Frequency - 433MHz, 868MHz, 915MHz
• 1.8V - 3.6V power supply
• Low power consumption
- 0.5nA Standby
- 10mA Rx
- 18mA Tx @ 10dBm
• EZRadio™ from Silicon Laboratories
• +13dBm TX power
• High sensitivity -116dBm (@ 2.4kbps)
• Max data rate @ 500Kbps
• TX and RX 64 byte FIFO
• Integrated battery voltage sensor
• Packet handling:
Preamble
Sync word detection CRC
• Based on Silicon Labs’ Si4455 chipset
• 2.54mm pitch for easy prototyping
• DIP Versions Available
• Codec IC Available for plug and play RF

Application
• Home automation
• Sensor networks
• Telemetry
• Keyless entry
• Health monitors
• Door and gate access





Similar Description - ZETA-433-SO

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
List of Unclassifed Man...
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
NXP Semiconductors
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
Industrial RF transceiver
Rev. 1.0-15 June 2016
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com