Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN770KP-E Datasheet (PDF) - STMicroelectronics

VN770KP-E Datasheet PDF - STMicroelectronics
Part # VN770KP-E
Download  VN770KP-E Download
File Size   1150.23 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad smart power solid state relay for complete H-bridge configurations

VN770KP-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VN770KP-E Datasheet PDF - STMicroelectronics

Part # VN770KP-E
Download  VN770KP-E Click to download

File Size   1150.23 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad smart power solid state relay for complete H-bridge configurations

VN770KP-E Datasheet (HTML) - STMicroelectronics


VN770KP-E Product details

Features

 ECOPACK®: lead free and RoHS compliant
 Automotive Grade: compliance with AEC
guidelines
 Suited as low voltage bridge
 Linear current limitation
 Very low standby power dissipation
 Short circuit protected
 Status flag diagnostic (open drain)
 Integrated clamping circuits
 Undervoltage protection
 ESD protection

Description
The VN770KP-E is a device formed by three
monolithic chips housed in a standard SO-28
package: a double high side and two low side
switches. Both the double high side and low side
switches are made using STMicroelectronics
VIPower™ M0-3 Technology.
This device is suitable to drive a DC motor in a
bridge configuration as well as to be used as a
quad switch for any low voltage application.
The dual high side switches have built-in thermal
shutdown to protect the chips from over
temperature and current limiter blocks to protect
the device from short circuit. Status output is
provided to indicate open load in off and on-state
and over temperature.
The low side switches are two OMNIFET II types
(fully auto protected Power MOSFET in
VIPower™ technology). They have built-in
thermal shutdown, linear current limitation and
overvoltage clamping. Fault feedback for thermal
intervention can be detected by monitoring the
voltage at the input pin.




Similar Part No. - VN770KP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770KP-E STMICROELECTRONICS-VN770KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - VN770KP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770P STMICROELECTRONICS-VN770P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN771 STMICROELECTRONICS-VN771 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com