Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMC00052 Datasheet (PDF) - Infinite Electronics International, Inc.

FMC00052 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMC00052
Download  FMC00052 Download
File Size   526.57 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low Loss N Male to TNC Male Cable LMR-400-UF Coax

FMC00052 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMC00052 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMC00052
Download  FMC00052 Click to download

File Size   526.57 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Low Loss N Male to TNC Male Cable LMR-400-UF Coax

FMC00052 Datasheet (HTML) - Infinite Electronics International, Inc.


FMC00052 Product details

Features:
• Max Frequency 6 GHz
• Shielding Effectivity > 90 dB
• 85% Phase Velocity
• Double Shielded
• TPE Jacket




Similar Part No. - FMC00052

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMC00051 FAIRVIEW-FMC00051 Datasheet
385Kb / 5P
SMA Female to N Male Cable RG174 Coax
A
FMC00054 FAIRVIEW-FMC00054 Datasheet
350Kb / 5P
Low Loss SMA Male to RP SMA Plug Cable LMR-240 Coax
A
FMC00055 FAIRVIEW-FMC00055 Datasheet
348Kb / 5P
RA SMA Male to RA Push-On SMP Female Cable RG-316 Coax
A
FMC00056 FAIRVIEW-FMC00056 Datasheet
324Kb / 5P
Low Loss SMA Male to SSMC Plug Cable LMR-100 Coax
A
More results


Similar Description - FMC00052

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0031 PASTERNACK-PE3C0031 Datasheet
336Kb / 3P
N Male to TNC Male Cable Using LMR-400 Coax
PE3C0031-12 PASTERNACK-PE3C0031-12 Datasheet
329Kb / 3P
N Male to TNC Male Cable 12 Inch Length Using LMR-400 Coax
PE3C0031-24 PASTERNACK-PE3C0031-24 Datasheet
330Kb / 3P
N Male to TNC Male Cable 24 Inch Length Using LMR-400 Coax
PE3C0031-36 PASTERNACK-PE3C0031-36 Datasheet
330Kb / 3P
N Male to TNC Male Cable 36 Inch Length Using LMR-400 Coax
PE3C0031-48 PASTERNACK-PE3C0031-48 Datasheet
330Kb / 3P
N Male to TNC Male Cable 48 Inch Length Using LMR-400 Coax
PE3C0031-60 PASTERNACK-PE3C0031-60 Datasheet
341Kb / 3P
N Male to TNC Male Cable 60 Inch Length Using LMR-400 Coax
PE3C0033 PASTERNACK-PE3C0033 Datasheet
334Kb / 3P
N Male to N Male Cable Using LMR-400 Coax
PE3C0042 PASTERNACK-PE3C0042 Datasheet
337Kb / 3P
TNC Male to TNC Male Cable Using LMR-195 Coax
PE3C0046 PASTERNACK-PE3C0046 Datasheet
337Kb / 3P
N Male to N Male Cable Using LMR-400 Coax
PE3C0109 PASTERNACK-PE3C0109 Datasheet
326Kb / 3P
N Male to TNC Male Cable Using LMR-400 Coax And Times Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com