Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L4P5AGI6P Datasheet (PDF) - STMicroelectronics

STM32L4P5AGI6P Datasheet PDF - STMicroelectronics
Part # STM32L4P5AGI6P
Download  STM32L4P5AGI6P Download
File Size   6109.32 Kbytes
Page   311 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS

STM32L4P5AGI6P Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L4P5AGI6P Datasheet PDF - STMicroelectronics

Part # STM32L4P5AGI6P
Download  STM32L4P5AGI6P Click to download

File Size   6109.32 Kbytes
Page   311 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS

STM32L4P5AGI6P Datasheet (HTML) - STMicroelectronics


STM32L4P5AGI6P Product details

Features
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• -40 °C to 85/125 °C temperature range
• Batch acquisition mode (BAM)
• 150 nA in VBAT mode: supply for RTC and 32x32-bit backup registers
• 22 nA Shutdown mode (5 wakeup pins)
• 42 nA Standby mode (5 wakeup pins)
• 190 nA Standby mode with RTC
• 2.95 μA Stop 2 with RTC
• 110 μA/MHz Run mode (LDO mode)
• 41 μA/MHz Run mode (@ 3.3 V SMPS mode)
• 5 μs wakeup from Stop mode
• Brownout reset (BOR) in all modes except Shutdown
Core
• Arm® 32-bit Cortex®-M4 CPU with FPU, adaptive real-time accelerator (ART Accelerator) allowing 0-wait-state execution from Flash memory, frequency up to 120 MHz, MPU, 150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
Memories
• 1-Mbyte Flash memory, 2 banks read-whilewrite, proprietary code readout protection
• 320 Kbytes of SRAM including 64 Kbytes with hardware parity check
• External memory interface for static memories supporting SRAM, PSRAM, NOR, NAND and FRAM memories
• 2 x Octo-SPI memory interfaces
General-purpose inputs/outputs
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
Performance benchmark
• 1.25 DMIPS/MHz (Drystone 2.1)
• 409.20 CoreMark® (3.41 CoreMark/MHz @120 MHz)
Energy benchmark
• 285 ULPMark™ CP score
Up to 24 capacitive sensing channels
• Support touchkey, linear and rotary touch sensors
Clock management
• 4 to 48 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC




Similar Part No. - STM32L4P5AGI6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L4P5AG STMICROELECTRONICS-STM32L4P5AG Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
More results


Similar Description - STM32L4P5AGI6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4Q5XX STMICROELECTRONICS-STM32L4Q5XX Datasheet
5Mb / 284P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, 1-MB Flash memory, 320-KB SRAM, LCD-TFT, AESPKA
December 2019 Rev 1
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com