| Electronic Components Datasheet Search |
|
IPC0085 Datasheet (PDF) - Proto Advantage SMD Adapter |
IPC0085 Datasheet (PDF) |
|
Download Datasheet |
| Part # | IPC0085 |
| Download | IPC0085 Click to download |
| File Size | 44.63 Kbytes |
| Page | 2 Pages |
| Manufacturer | PROTOADVANTAGE [Proto Advantage SMD Adapter] |
| Direct Link | www.Proto-Advantage.com |
| Logo | |
| Description | DFN-8 to DIP-12 SMT Adapter (0.5 mm pitch, 3.0 x 2.0 mm body) |
IPC0085 Datasheet (HTML) - Proto Advantage SMD Adapter |
Similar Part No. - IPC0085 |
|
Similar Description - IPC0085 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |