Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9349 Datasheet (PDF) - STMicroelectronics

L9349 Datasheet PDF - STMicroelectronics
Part # L9349
Download  L9349 Download
File Size   285.08 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD INTELLIGENT POWER LOW SIDE SWITCH

L9349 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9349 Datasheet PDF - STMicroelectronics

Part # L9349
Download  L9349 Click to download

File Size   285.08 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD INTELLIGENT POWER LOW SIDE SWITCH

L9349 Datasheet (HTML) - STMicroelectronics


L9349 Product details

DESCRIPTION
The L9349 is a monolithic integrated quad low side driver realized in an advanced MultipowerBCD mixed technology. The device is intended to drive valves in automotive environment.
The inputs are µP compatible. Particular care has been taken to protect the device against failures, to avoid electromagnetic interferences and to offer extensive real time diagnostic.

■ Quad power low side driver with 2 x 5A and 2 x 3A output current capability
■ Low RDSON typically 200mΩ and 300mΩ @ Tj = 25°C
■ Internal output clamping structures with VFB = 50V for fast inductive load current recirculation
■ Limited output voltage slew rate for low EMI
■ Protected µP compatible enable and input
■ Wide operating supply voltage range 4.5V to 32V
■ Real time diagnostic functions:
   – Output shorted to GND
   – Output shorted to VSS
   – Open load detection in ON and OFF condition
   – Load bypass detection
   – Overtemperature detection
■ Device protection functions:
   – Overload disable
   – Selective thermal shutdown
■ Signal- and Power-Ground-loss shutdown




Similar Part No. - L9349

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
251Kb / 17P
Quad intelligent power low side switch
20-Sep-2013
L9349-LF STMICROELECTRONICS-L9349-LF_V01 Datasheet
251Kb / 17P
Quad intelligent power low side switch
20-Sep-2013
L9349TR-LF STMICROELECTRONICS-L9349TR-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
L9349TR-LF STMICROELECTRONICS-L9349TR-LF Datasheet
251Kb / 17P
Quad intelligent power low side switch
20-Sep-2013
More results


Similar Description - L9349

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com