Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4884 Datasheet (PDF) - Analog Devices

AD4884 Datasheet PDF - Analog Devices
Part # AD4884
Download  AD4884 Download
File Size   5212.1 Kbytes
Page   116 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End

AD4884 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4884 Datasheet PDF - Analog Devices

Part # AD4884
Download  AD4884 Click to download

File Size   5212.1 Kbytes
Page   116 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End

AD4884 Datasheet (HTML) - Analog Devices


AD4884 Product details

FEATURES
► Integrated fully-differential ADC drivers
► Wide input common-mode voltage range
► High common-mode rejection
► Single-ended to differential conversion
► Gain options include: 1.03, 1.25, 1.53, 2.03, 2.74, 4.11, and 5.77
► Integrated gain-setting resistors
► High performance
► 16-bit resolution, no missing codes
► Throughput: 20MSPS per channel
► Conversion latency: 78.13ns
► INL: ±5ppm (typical), ±12ppm (maximum)
► SNR/THD
► 91.9dBFS (typical)/−111.0dBc (typical) at fIN = 1kHz
► 90.9dBFS (typical)/−107.8dBc (typical) at fIN = 500kHz
► Noise spectral density: −158.4dBFS/Hz
► Low power
► 97.9mW per channel typical at 20MSPS
► Integrated, low-drift reference buffers and decoupling
► Integrated VCM generation
► Digital features and data interface
► Conversion result FIFO, 16k samples per channel
► Digital averaging filter with up to 210 decimation
► SPI configuration per channel
► Configurable data interface per channel
► Single lane, DDR, serial LVDS, 320Mbps per lane
► Dual lane, DDR, serial LVDS, 160Mbps per lane
► Single/quad lane SPI data interface
► Package
► 196-ball, 10mm x 10mm CSP_BGA, 0.65mm pitch
► Integrated supply decoupling capacitors
► Operating temperature range: −40°C to +85°C




Similar Part No. - AD4884

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD484M1644VTA ETC-AD484M1644VTA Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10I ETC-AD484M1644VTA-10I Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10L ETC-AD484M1644VTA-10L Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10LI ETC-AD484M1644VTA-10LI Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-15 ETC-AD484M1644VTA-15 Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
More results


Similar Description - AD4884

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com