Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN1010K1001GGW0 Datasheet (PDF) - Vishay Siliconix

PTN1010K1001GGW0 Datasheet PDF - Vishay Siliconix
Part # PTN1010K1001GGW0
Download  PTN1010K1001GGW0 Download
File Size   105.41 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Commercial Thin Film Chip Resistor, Surface-Mount Chip

PTN1010K1001GGW0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN1010K1001GGW0 Datasheet PDF - Vishay Siliconix

Part # PTN1010K1001GGW0
Download  PTN1010K1001GGW0 Click to download

File Size   105.41 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Commercial Thin Film Chip Resistor, Surface-Mount Chip

PTN1010K1001GGW0 Datasheet (HTML) - Vishay Siliconix


PTN1010K1001GGW0 Product details

FEATURES
• Moisture resistant
• High purity alumina substrate
• Non-standard values available
• Will pass +85 °C, 85 % relative humidity and
10 % rated power
• 100 % visual inspected per MIL-PRF-55342
• Non-inductive
• Very low noise and voltage coefficient (< -30 dB)
• Laser-trimmed tolerances to ± 0.05 %
• Wraparound resistance less than 10 m
• Epoxy bondable termination available
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PTN1010K1001GGW0

ManufacturerPart #DatasheetDescription
logo
CUI INC
PTN10 CUI-PTN10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
CUI Devices
PTN10 CUID-PTN10 Datasheet
445Kb / 7P
ROTARY POTENTIOMETER
08/05/2022
logo
Same Sky Devices
PTN10 SAMESKY-PTN10 Datasheet
384Kb / 7P
TRIMMER POTENTIOMETER
09/12/2024
logo
CUI INC
PTN10-A01CA10 CUI-PTN10-A01CA10 Datasheet
466Kb / 7P
ROTARY POTENTIOMETER
06/22/2022
logo
CUI Devices
PTN10-A01CA10 CUID-PTN10-A01CA10 Datasheet
445Kb / 7P
ROTARY POTENTIOMETER
08/05/2022
More results


Similar Description - PTN1010K1001GGW0

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
PTN VISHAY-PTN Datasheet
91Kb / 4P
Commercial Thin Film Chip Resistor,Surface Mount Chip
24-Aug-15
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com