Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUFMRCA Datasheet (PDF) - StarTech.com Ltd.

MUFMRCA Datasheet PDF - StarTech.com Ltd.
Part # MUFMRCA
Download  MUFMRCA Download
File Size   77.1 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in Stereo Audio Cable - 3.5mm Female to 2x RCA Male

MUFMRCA Datasheet (PDF)

Go To PDF Page Download Datasheet
MUFMRCA Datasheet PDF - StarTech.com Ltd.

Part # MUFMRCA
Download  MUFMRCA Click to download

File Size   77.1 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in Stereo Audio Cable - 3.5mm Female to 2x RCA Male

MUFMRCA Datasheet (HTML) - StarTech.com Ltd.


MUFMRCA Product details

Applications
• Connect your portable media device (iPod, MP3 player, etc.) to your stereo entertainment system

Features
• 1x 3.5mm Mini-Jack 3 Position female connector
• 2x RCA male connectors
• Compact, lightweight design




Similar Part No. - MUFMRCA

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
MUF PCTEL-MUF Datasheet
137Kb / 1P
Heavy-Duty Low-Profile Base Gain Antennas
MUF3505S PCTEL-MUF3505S Datasheet
137Kb / 1P
Heavy-Duty Low-Profile Base Gain Antennas
MUF4065 PCTEL-MUF4065 Datasheet
137Kb / 1P
Heavy-Duty Low-Profile Base Gain Antennas
MUF4305 PCTEL-MUF4305 Datasheet
137Kb / 1P
Heavy-Duty Low-Profile Base Gain Antennas
MUF4503 PCTEL-MUF4503 Datasheet
522Kb / 1P
Base Loaded Field Tunable 3dB Gain Antennas
More results


Similar Description - MUFMRCA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34582 PASTERNACK-PE34582 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG405/U, 3.5MM MALE TO 3.5MM FEMALE
logo
Tripp Lite. All Rights ...
P31606N TRIPPLITE-P31606N Datasheet
483Kb / 2P
3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in
logo
Adam Technologies, Inc.
RF1-32-D-XX-75 ADAM-TECH-RF1-32-D-XX-75 Datasheet
98Kb / 1P
BNC MALE TO RCA FEMALE
logo
List of Unclassifed Man...
ACB-2RCAMJ-0006 ETC2-ACB-2RCAMJ-0006 Datasheet
78Kb / 1P
Stereo Audio Cable RCA Male to 3.5-mm Male, 6-ft.
logo
CUI INC
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Tripp Lite. All Rights ...
P314-006 TRIPPLITE-P314-006 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 6-ft.
P314-012 TRIPPLITE-P314-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
P316-06N TRIPPLITE-P316-06N Datasheet
158Kb / 2P
3.5mm Mini Stereo to Two RCA Audio Y Splitter Adapter Cable (3.5mm F to 2x RCA M), 6-in.
logo
IOGEAR
G2LMM006 IOGEAR-G2LMM006 Datasheet
138Kb / 2P
6ft 3.5mm (M) to 3.5mm (M) Aux Stereo Audio Cable
G2LMMRCA006 IOGEAR-G2LMMRCA006 Datasheet
125Kb / 2P
6ft 3.5mm to RCA Audio Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com