Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM02TS Datasheet (PDF) - Tyco Electronics

IM02TS Datasheet PDF - Tyco Electronics
Part # IM02TS
Download  IM02TS Download
File Size   795.99 Kbytes
Page   11 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The Best Relaytion

IM02TS Datasheet (PDF)

Go To PDF Page Download Datasheet
IM02TS Datasheet PDF - Tyco Electronics

Part # IM02TS
Download  IM02TS Click to download

File Size   795.99 Kbytes
Page   11 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The Best Relaytion

IM02TS Datasheet (HTML) - Tyco Electronics


IM02TS Product details

Slim line AND low profile 2 pole telecom/signal relay, polarized Through Hole Types (THT), standard version with 5.08 mm, narrow version with 3.2 mm between the terminal rows or Surface Mount Type (SMT)

Features
- Telecom/signal relay (dry circuit, test access, ringing)
- Slim line10 x 6 mm, 0.39 x 0.24 inch
- Low profile 5.65 mm, 0.222 inch
- Minimum board-space 60 mm2
- Switching current 2 A
- 2 changeover contacts (2 form C / DPDT)
- Bifurcated contacts, gold plated
- High sensitivity results in low nominal power consumption
    140 mW for non latching
    100 mW for latching version
- High surge capability (1.2/50 µs and 10/700 µs) meets Bellcore GR 1089, FCC Part 68 and ITU-T K20
    ≥ 1500 V between open contacts
    ≥ 2500 V between coil and contacts
- High mechanical shock resistance
    up to 300 G functional
    up to 500 G survival

Typical applications:
- Communications equipment Linecard application – analog, ISDN, xDSL, PABX Voice over IP
- Office and business equipment
- Measurement and control equipment
- Consumer electronics Set top boxes, HiFi
- Medical equipment




Similar Part No. - IM02TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM02TS MACOM-IM02TS Datasheet
610Kb / 10P
The Best Relaytion
IM02TS MACOM-IM02TS Datasheet
2Mb / 28P
IM Series Signal Relays
More results


Similar Description - IM02TS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
logo
Tyco Electronics
V23105 MACOM-V23105 Datasheet
498Kb / 11P
The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
The Best Seller G2R
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
The Best Relaytion
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
Best practices in the manufacturing process
09-Jan-2014
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
The Best Efficacy in Mid Power LEDs
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
Achieving the best system for Horticulture
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com