Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP001511. Datasheet (PDF) - Multicomp Pro

PP001511. Datasheet PDF - Multicomp Pro
Part # PP001511.
Download  PP001511. Download
File Size   223.41 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Outdoor LAN Cable CAT 5E

PP001511. Datasheet (PDF)

Go To PDF Page Download Datasheet
PP001511. Datasheet PDF - Multicomp Pro

Part # PP001511.
Download  PP001511. Click to download

File Size   223.41 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Outdoor LAN Cable CAT 5E

PP001511. Datasheet (HTML) - Multicomp Pro


PP001511. Product details

Description
Solid 24AWG PACW, UTP, 4Pairs, PE Insulation, Water Resistant Flooding Compound, PE Sheath.
Application
The cable is suitable for outdoor use in duct and for aerial lashing. It is water blocked and has a black sunlight resistant. For high speed data transmission.
IEEE802.3 10BASE-T (ETHERNET)
IEEE802.3 100BASE-T (Fast ETHERNET)
IEEE802.3 1000BASE-T (Gigabit ETHERNET)
IEEE802.5 4/16 Mbps Token Ring
52/155Mbps ATM
100VG-AnyLAN
ANSI X3T9.5 100Mbps TP-PMD
Applicable Standard
ANSI/TIA-568-C.2
IEC 60794-1-2-F5B

Description
Cable, Outdoor CAT 5E, Black, 305m




Similar Part No. - PP001511.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP001512 MULTICOMP-PP001512 Datasheet
223Kb / 3P
Flexible Polyurethane Multicore Cable
V1.0 08/04/20
PP001512. MULTICOMP-PP001512. Datasheet
223Kb / 3P
Flexible Polyurethane Multicore Cable
V1.0 08/04/20
PP001513 MULTICOMP-PP001513 Datasheet
223Kb / 3P
Flexible Polyurethane Multicore Cable
V1.0 08/04/20
PP001513. MULTICOMP-PP001513. Datasheet
223Kb / 3P
Flexible Polyurethane Multicore Cable
V1.0 08/04/20
PP001514 MULTICOMP-PP001514 Datasheet
223Kb / 3P
Flexible Polyurethane Multicore Cable
V1.0 08/04/20
More results


Similar Description - PP001511.

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
Cat 5e UTP Patch Cable
logo
PHOENIX CONTACT
2858991 PHOENIX-2858991 Datasheet
92Kb / 6P
Surge protection device - D-LAN-CAT.5E
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com