Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT201XS-U Datasheet (PDF) - Future Technology Devices International Ltd.

FT201XS-U Datasheet PDF - Future Technology Devices International Ltd.
Part # FT201XS-U
Download  FT201XS-U Download
File Size   1360.06 Kbytes
Page   49 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description FT201X USB I2C SLAVE IC

FT201XS-U Datasheet (PDF)

Go To PDF Page Download Datasheet
FT201XS-U Datasheet PDF - Future Technology Devices International Ltd.

Part # FT201XS-U
Download  FT201XS-U Click to download

File Size   1360.06 Kbytes
Page   49 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description FT201X USB I2C SLAVE IC

FT201XS-U Datasheet (HTML) - Future Technology Devices International Ltd.


FT201XS-U Product details

The FT201X is a USB to I2C interface with the following advanced features:
 Single chip USB to I2C slave interface.
 Up to 3.4MHz, high speed mode, I2C supported
 Entire USB protocol handled on the chip. No USB specific firmware programming required.
 Fully integrated 2048 byte multi-time-programmable (MTP) memory, storing device descriptors and CBUS I/O configuration.
 Fully integrated clock generation with no external crystal required plus optional clock output selection enabling a glue-less interface to external MCU or FPGA.
 512 byte receive buffer and 512 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput.
 FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.
 Configurable CBUS I/O pins.
 Transmit and receive LED drive signals.
 USB Battery Charger Detection. Allows for USB peripheral devices to detect the presence of a higher power source to enable improved charging.
 Device supplied pre-programmed with unique USB serial number.
 USB Power Configurations; supports bus- powered, self-powered and bus-powered with power switching.
 Integrated +3.3V level converter for USB I/O.
 True 3.3V CMOS drive output and TTL input;Operates down to 1V8 with external pull-ups. Tolerant of 5V input.
 Configurable I/O pin output drive strength; 4 mA (min) and 16 mA (max).
 Integrated power-on-reset circuit.
 Fully integrated AVCC supply filtering - no external filtering required.
 + 5V Single Supply Operation.
 Internal 3V3/1V8 LDO regulators
 Low operating and USB suspend current; 8mA (active-typ) and 125uA (suspend-typ).
 UHCI/OHCI/EHCI host controller compatible.
 USB 2.0 Full Speed compatible.
 Extended operating temperature range; -40 to 85⁰C.
 Available in compact Pb-free 16 Pin SSOP and QFN packages (both RoHS compliant).

Typical Applications
 Upgrading Legacy Peripherals to USB
 Utilising USB to add system modularity
 Incorporate USB interface to enable PC transfers for development system communication
 Motherboard and system monitoring through USB
 USB dongle implementations for Software/ Hardware Encryption and Wireless Modules
 Interfacing MCU/PLD/FPGA based designs to add USB connectivity
 USB Instrumentation
 USB Industrial Control
 USB Digital Camera Interface
 Ability to detect dedicated charging ports for high current charging of batteries in portable devices




Similar Part No. - FT201XS-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT201XS ETC2-FT201XS Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results


Similar Description - FT201XS-U

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
Control Interface: I2C slave only
logo
Future Technology Devic...
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
FT200XD USB I2C SLAVE IC Datasheet Version 1.3
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
Enhanced USB Device Controller with SPI Slave IC
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
Dual I2C Slave Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com