Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA800 Datasheet (PDF) - Monolithic Power Systems

MA800 Datasheet PDF - Monolithic Power Systems
Part # MA800
Download  MA800 Download
File Size   992.18 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Bit Contactless Angle Encoder with Push Button Function

MA800 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA800 Datasheet PDF - Monolithic Power Systems

Part # MA800
Download  MA800 Click to download

File Size   992.18 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Bit Contactless Angle Encoder with Push Button Function

MA800 Datasheet (HTML) - Monolithic Power Systems


MA800 Product details

DESCRIPTION
The MA800 is an easy-to-use, magnetic, angle encoder with a digital output designed to replace analogic potentiometers or rotary switches. The MA800 is designed for slow operation such as human-machine interface, manual controls, etc. where the rotating speed remains below 200 rpm. The sensor detects the absolute angular position of a permanent magnet attached to a rotating shaft.
The magnet shapes and configurations are very flexible. Typically, the MA800 is used with a diametrically magnetized cylinder of 2 - 8mm in diameter.
The MA800 features programmable magnetic field strength thresholds, which allow for the implementation of a push or pull button function. These are output as two logic signals.
On-chip non-volatile memory provides storage for the configuration parameters, including the reference zero angle position and magnetic field detection threshold settings.

FEATURES
 8-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life with No Wear
 SPI and SSI Serial Interface
 Programmable Magnetic Field Strength Detection for Push/Pull Button Detection
 3.3V, 12mA Supply
 -40 to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm) Package

APPLICATIONS
 Rotary Knob Control Interfaces
 Manual Controls
 Encoders
 Automotive
 White Goods




Similar Part No. - MA800

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA800 MPS-MA800 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA800 MPS-MA800 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
708Kb / 8P
Rotary Knob Kit for the MagAlpha
logo
Taoglas antenna solutio...
MA8005.A.001 TAOGLAS-MA8005.A.001 Datasheet
28Mb / 75P
Raptor X Series
Revision: A 2024-05-02
More results


Similar Description - MA800

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A038RBK SHARP-GP1A038RBK Datasheet
84Kb / 4P
OPIC Photointerrupter with Encoder Function
logo
EM Microelectronic - MA...
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXM ALPS-RKJXM Datasheet
194Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
logo
IC-Haus GmbH
IC-MP ICHAUS-IC-MP Datasheet
1Mb / 22P
8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com